전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 84 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 84 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 88Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
POSISTOR
r for Circuit Protection
Overheat Sensing Lead Type
PTFM Series has been developed for protecting power
transistors, stereo main amplifiers, etc. from
overheating, and also for sensing the temperature of
other components which may be overheated.
The "POSISTOR" offers an excellent temperature
sensing ability, exhibiting a steep change in electrical
resistivity near the temperature setting. PTFL Series is
suitable for use as an air temperature sensor.
c Features
1. PTFM Series is a screw-fixing type and PTFL Series is a
lead type, providing ease of mounting.
2. Compact and light design as well as excellent
thermal response.
3. Solid-state construction withstands mechanical
vibration and impact sufficiently.
4. Contactless operation provides a prolonged service
life, yet permits noiseless operation.
5. The operating point of "POSISTOR" is set on the
steepest point along the resistance-temperature
characteristic curve, thus performing the overheat
protective operation securely.
6. PTFM Series and PTFL Series have the same
temperature characteristic, providing a selection
depending on the mounting method.
3.5±1.5
4.0 max.
ø0.5±0.05
(in mm)
5.0 max.
PTFL Series
ø0.5±0.05
t0.5±0.05
3.0±0.3
7.5±0.4
3.7±0.3
3.5±1.5
in mm
PTFM Series
Part Number
Max. Voltage
(V)
Sensing Temp. (TS)
(°C)
Resistance Value
at 25°C (max.)
(ohm)
Resistance Value
(TS-10°C) (max.)
(ohm)
Resistance Value
(TS°C) (min.)
(ohm)
PTF
p4BH471Q2N34B0
16
60
100
330
470
PTF
p4BG471Q2N34B0
16
70
100
330
470
PTF
p4BF471Q2N34B0
16
80
100
330
470
PTF
p4BE471Q2N34B0
16
90
100
330
470
PTF
p4BD471Q2N34B0
16
100
100
330
470
PTF
p4BC471Q2N34B0
16
110
100
330
470
PTF
p4BB471Q2N34B0
16
120
100
330
470
PTF
p4BH222Q2N34B0
16
60
330
1.5k
2.2k
PTF
p4BG222Q2N34B0
16
70
330
1.5k
2.2k
PTF
p4BF222Q2N34B0
16
80
330
1.5k
2.2k
PTF
p4BE222Q2N34B0
16
90
330
1.5k
2.2k
PTF
p4BD222Q2N34B0
16
100
330
1.5k
2.2k
PTF
p4BC222Q2N34B0
16
110
330
1.5k
2.2k
PTF
p4BB222Q2N34B0
16
120
330
1.5k
2.2k
A blank is filled with type codes. (L: Lead type, M: with Lug-terminal)
Operating temperature range is -10 to TS+10°C.
Please contact us for UL recognized products.
R90E.pdf
Sep.24,2012
82
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com