전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 101 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 101 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 104Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Lead Type PTGL/PTF Series Package
Continued from the preceding page.
Pitch of Component
Pitch of Sprocket Hole
Lead Spacing
Length from Hole Center to Lead
Length from Hole Center to Component Center
Body Diameter
Body Thickness
Deviation along Tape, Left or Right Defect
Carrier Tape Width
Position of Sprocket Hole
Lead Distance between Reference and
Bottom Planes
Protrusion Length
Diameter of Sprocket Hole
Lead Diameter
Total Tape Thickness
Total Thickness of Tape and Lead Wire
Deviation across Tape
Portion to cut in Case of Defect
Hold down Tape Width
Hold down Tape Position
Coating Extension on Lead
P
P0
F
P1
P2
D
T
ΔS
W
W1
H0
H2
I
D0
d
t1
t2
Δh1, Δh2
L
W0
W2
e
12.7
12.7±0.3
5.0
3.85±0.8
6.35±1.3
Please see in Ratings
Please see in Ratings
±1.5
18.0±0.5
16.0±1.0
6.0 max.
+0.5 to –1.0
4.0±0.2
Please see in Ratings
0.6±0.3
2.0 max.
1.5 max.
11.0 min.
4.0 max.
Up to the center of crimp
Tolerance is determined by
ΔS.
Deviation in the feeding direction
Including the inclination caused by lead bending
Deviation of tape width
Code
Item
Dimensions (mm)
Note
+0.8
–0.3
9.0+0.5
–0.75
11.0+0
–2.0
Δh2
Δh1
ΔS
P2
P
D
P1
P0
F
d
T
c Narrow Current Band 30 - 140V Series / 16 - 80V Series / Inrush Current Suppression Taping Dimensions
Continued on the following page.
R90E.pdf
Sep.24,2012
99
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com