| 전자부품 데이터시트 검색엔진 |
|
FDC37C78-HT 데이터시트(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78-HT 데이터시트(HTML) 42 Page - Microchip Technology |
|
42 / 82 page ![]() 42 READ ID DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 MFM 0 0 1 0 1 0 Commands W 0 0 0 0 0 HDS DS1 DS0 Execution The first correct ID information on the Cylinder is stored in Data Register Result R ──────── ST0 ──────── Status information after Command execution. Disk status after the Command has completed R ──────── ST1 ──────── R ──────── ST2 ──────── R ──────── C ──────── R ──────── H ──────── R ──────── R ──────── R ──────── N ──────── |