| 전자부품 데이터시트 검색엔진 |
|
FDC37C78-HT 데이터시트(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FDC37C78-HT 데이터시트(HTML) 76 Page - Microchip Technology |
|
76 / 82 page ![]() 76 FIGURE 4 - MICROPROCESSOR WRITE TIMING Parameter min typ max units t1 t2 t3 t4 t5 nCS Set Up to nIOW Low nIOW Width nCS Hold from nIOW High Data Set Up Time to nIOW High Data Hold Time from nIOW High 40 150 10 10 ns ns ns ns ns 40 t6 Write Strobe to Clear IRQ 55 ns 40 t3 t1 t2 t4 t5 t6 DATA VALID nCS nIOW DATA (D0-D7) IRQ |