전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX125 데이터시트(PDF) 52 Page - Microsemi Corporation

부품명 AX125
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 데이터시트(HTML) 52 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 48Page - Microsemi Corporation AX125 Datasheet HTML 49Page - Microsemi Corporation AX125 Datasheet HTML 50Page - Microsemi Corporation AX125 Datasheet HTML 51Page - Microsemi Corporation AX125 Datasheet HTML 52Page - Microsemi Corporation AX125 Datasheet HTML 53Page - Microsemi Corporation AX125 Datasheet HTML 54Page - Microsemi Corporation AX125 Datasheet HTML 55Page - Microsemi Corporation AX125 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 262 page
background image
Detailed Specifications
2- 38
R e v i sio n 1 8
1.5 V LVCMOS (JESD8-11)
Low-Voltage Complementary Metal-Oxide Semiconductor for 1.5 V is an extension of the LVCMOS
standard (JESD8-5) used for general-purpose 1.5 V applications. It uses a 3.3 V tolerant CMOS input
buffer and a push-pull output buffer.
AC Loadings
Table 2-29 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min., V
Max., V
Min., V
Max., V
Max., V
Min., V
mA
mA
–0.3
0.35 VCCI
0.65 VCCI
3.6
0.4
VCCI – 0.4
8 mA
–8 mA
Table 2-30 • AC Test Loads
Table 2-31 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
0
1.5
0.5VCCI
N/A
35
Note:
* Measuring Point = VTRIP
R to VCCI for tplz / tpzl
R to GND for tphz / tpzh
35 pF for tpzh / tpzl
5 pF for tphz / tplz
Test Point
Test Point
35 pF
for tristate
R=1k
for tpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com