전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX125 데이터시트(PDF) 53 Page - Microsemi Corporation

부품명 AX125
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 데이터시트(HTML) 53 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 49Page - Microsemi Corporation AX125 Datasheet HTML 50Page - Microsemi Corporation AX125 Datasheet HTML 51Page - Microsemi Corporation AX125 Datasheet HTML 52Page - Microsemi Corporation AX125 Datasheet HTML 53Page - Microsemi Corporation AX125 Datasheet HTML 54Page - Microsemi Corporation AX125 Datasheet HTML 55Page - Microsemi Corporation AX125 Datasheet HTML 56Page - Microsemi Corporation AX125 Datasheet HTML 57Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 39
Timing Characteristics
Table 2-32 • 1.5V LVCMOS I/O Module
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 1.4 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
LVCMOS15 (JESD8-11) I/O Module Timing
tDP
Input Buffer
3.59
4.09
4.81
ns
tPY
Output Buffer
6.05
6.89
8.10
ns
tENZL
Enable to Pad Delay through the Output
Buffer—Z to Low
3.31
3.34
3.34
ns
tENZH
Enable to Pad Delay through the Output
Buffer—Z to High
4.56
4.58
4.59
ns
tENLZ
Enable to Pad Delay through the Output
Buffer—Low to Z
6.37
7.25
8.52
ns
tENHZ
Enable to Pad Delay through the Output
Buffer—High to Z
6.94
7.90
9.29
ns
tIOCLKQ
Sequential Clock-to-Q for the I/O Input
Register
0.67
0.77
0.90
ns
tIOCLKY
Clock-to-output Y for the I/O Output
Register and the I/O Enable Register
0.67
0.77
0.90
ns
tSUD
Data Input Set-Up
0.23
0.27
0.31
ns
tSUE
Enable Input Set-Up
0.26
0.30
0.35
ns
tHD
Data Input Hold
0.00
0.00
0.00
ns
tHE
Enable Input Hold
0.00
0.00
0.00
ns
tCPWHL
Clock Pulse Width High to Low
0.39
0.39
0.39
ns
tCPWLH
Clock Pulse Width Low to High
0.39
0.39
0.39
ns
tWASYN
Asynchronous Pulse Width
0.37
0.37
0.37
ns
tREASYN
Asynchronous Recovery Time
0.13
0.15
0.17
ns
tHASYN
Asynchronous Removal Time
0.00
0.00
0.00
ns
tCLR
Asynchronous Clear-to-Q
0.23
0.27
0.31
ns
tPRESET
Asynchronous Preset-to-Q
0.23
0.27
0.31
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com