| 전자부품 데이터시트 검색엔진 |
|
AX125 데이터시트(PDF) 97 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX125 데이터시트(HTML) 97 Page - Microsemi Corporation |
|
97 / 262 page ![]() Axcelerator Family FPGAs Re vi s i on 18 2 - 83 Sample Implementations Frequency Synthesis Figure 2-53 illustrates an example where the PLL is used to multiply a 155.5 MHz external clock up to 622 MHz. Note that the same PLL schematic could use an external 350 MHz clock, which is divided down to 155 MHz by the FPGA internal logic. Figure 2-54 illustrates the PLL using both dividers to synthesize a 133 MHz output clock from a 155 MHz input reference clock. The input frequency of 155 MHz is multiplied by 6 and divided by 7, giving a CLK1 output frequency of 132.86 MHz. When dividers are used, a given ratio can be generated in multiple ways, allowing the user to stay within the operating frequency ranges of the PLL. Adjustable Clock Delay Figure 2-55 illustrates using the PLL to delay the reference clock by employing one of the adjustable delay lines. In this case, the output clock is delayed relative to the reference clock. Delaying the reference clock relative to the output clock is accomplished by using the delay line in the feedback path. Figure 2-53 • Using the PLL 155.5 MHz In, 622 MHz Out Delay Line PLL Delay Line RefCLK FB /i 6 /j 6 CLK1 Power-Down Lock CLK2 FBMuxSel 5 DividerI DelayLine DividerJ LowFreq 3 Osc +4 155.5 MHz 622 MHz /i Delay Match /j Delay Match |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |