전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX125 데이터시트(PDF) 66 Page - Microsemi Corporation

부품명 AX125
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 데이터시트(HTML) 66 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 62Page - Microsemi Corporation AX125 Datasheet HTML 63Page - Microsemi Corporation AX125 Datasheet HTML 64Page - Microsemi Corporation AX125 Datasheet HTML 65Page - Microsemi Corporation AX125 Datasheet HTML 66Page - Microsemi Corporation AX125 Datasheet HTML 67Page - Microsemi Corporation AX125 Datasheet HTML 68Page - Microsemi Corporation AX125 Datasheet HTML 69Page - Microsemi Corporation AX125 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 262 page
background image
Detailed Specifications
2- 52
R e v i sio n 1 8
LVPECL
Low-Voltage Positive Emitter-Coupled Logic (LVPECL) is another differential I/O standard. It requires
that one data bit is carried through two signal lines. Like LVDS, two pins are needed. It also requires
external resistor termination. The voltage swing between these two signal lines is approximately 850 mV.
The LVPECL circuit is similar to the LVDS scheme. It requires four external resistors, three for the driver
and one for the receiver. The values for the three driver resistors are different from that of LVDS since the
output voltage levels are different. Please note that the VOH levels are 200 mV below the standard
LVPECL levels.
Figure 2-26 • LVPECL Board-Level Implementation
187
Ω
100
Ω
ZO = 50
Ω
ZO = 50
Ω
100
Ω
100
Ω
+
–
P
N
P
N
INBUF_LVPECL
OUTBUF_LVPECL
FPGA
FPGA
Table 2-59 • DC Input and Output Levels
DC Parameter
Min.
Typ.
Max.
Units
Min.
Max.
Min.
Max.
Min.
Max.
VCCI
3
3.3
3.6
V
VOH
1.8
2.11
1.92
2.28
2.13
2.41
V
VOL
0.96
1.27
1.06
1.43
1.3
1.57
V
VIH
1.49
2.72
1.49
2.72
1.49
2.72
V
VIL
0.86
2.125
0.86
2.125
0.86
2.125
V
Differential Input
Voltage
0.3
0.3
0.3
V
Table 2-60 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
1.6 – 0.3
1.6 + 0.3
1.6
Note:
* Measuring Point = VTRIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com