전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX125 데이터시트(PDF) 91 Page - Microsemi Corporation

부품명 AX125
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 데이터시트(HTML) 91 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 87Page - Microsemi Corporation AX125 Datasheet HTML 88Page - Microsemi Corporation AX125 Datasheet HTML 89Page - Microsemi Corporation AX125 Datasheet HTML 90Page - Microsemi Corporation AX125 Datasheet HTML 91Page - Microsemi Corporation AX125 Datasheet HTML 92Page - Microsemi Corporation AX125 Datasheet HTML 93Page - Microsemi Corporation AX125 Datasheet HTML 94Page - Microsemi Corporation AX125 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 77
Table 2-80 • PLL Interface Signals
Signal Name
Type
User
Accessible
Allowable
Values
Function
RefCLK
Input
Yes
Reference Clock for the PLL
FB
Input
Yes
Feedback port for the PLL
PowerDown
Input
Yes
PLL power down control
0
PLL powered down
1
PLL active
DIVI[5:0]
Input
Yes
1 to 64, in
unsigned binary
notation offset by
-1
Sets value for feedback divider (multiplier)
DIVJ[5:0]
Input
Yes
Sets value for CLK1 divider
LowFreq
Input
Yes
Input frequency range selector
0
50–200 MHz
1
14–50 MHz
Osc[2:0]
Input
Yes
Output frequency range selector
XX0
400–1000 MHZ
001
200–400 MHZ
011
100–200 MHZ
101
50–100 MHZ
111
20–50 MHZ
DelayLine[4:0]
Input
Yes
–15 to +15
(increments), in
signed-and-
magnitude binary
representation
Clock Delay (positive/negative) in increments
of 250 ps, with maximum value of ± 3.75 ns
FBMuxSel
Input
No
Selects the source for the feedback input
REFSEL
Input
No
Selects the source for the reference clock
OUTSEL
Input
No
Selects the source for the routed net output
PLLSEL
Input
No
ROOTSEL & PLLSEL are used to select the
source of the global clock network
ROOTSEL
Input
No
Lock
Output
Yes
High value indicates PLL has locked
CLK1
Output
Yes
PLL clock output
CLK2
Output
Yes
PLL clock output
Note:
If the input RefClk is taken outside its operating range, the outputs Lock, CLK1 and CLK2 are
indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com