전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX125 데이터시트(PDF) 78 Page - Microsemi Corporation

부품명 AX125
상세설명  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX125 데이터시트(HTML) 78 Page - Microsemi Corporation

Back Button AX125 Datasheet HTML 74Page - Microsemi Corporation AX125 Datasheet HTML 75Page - Microsemi Corporation AX125 Datasheet HTML 76Page - Microsemi Corporation AX125 Datasheet HTML 77Page - Microsemi Corporation AX125 Datasheet HTML 78Page - Microsemi Corporation AX125 Datasheet HTML 79Page - Microsemi Corporation AX125 Datasheet HTML 80Page - Microsemi Corporation AX125 Datasheet HTML 81Page - Microsemi Corporation AX125 Datasheet HTML 82Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 262 page
background image
Detailed Specifications
2- 64
R e v i sio n 1 8
Table 2-67 • AX500 Predicted Routing Delays
Worst-Case Commercial Conditions VCCA = 1.425 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Typical
Typical
Typical
Units
Predicted Routing Delays
tDC
DirectConnect Routing Delay, FO1
0.11
0.12
0.15
ns
tFC
FastConnect Routing Delay, FO1
0.35
0.39
0.46
ns
tRD1
Routing delay for FO1
0.39
0.45
0.53
ns
tRD2
Routing delay for FO2
0.41
0.46
0.54
ns
tRD3
Routing delay for FO3
0.48
0.55
0.64
ns
tRD4
Routing delay for FO4
0.56
0.63
0.75
ns
tRD5
Routing delay for FO5
0.60
0.68
0.80
ns
tRD6
Routing delay for FO6
0.84
0.96
1.13
ns
tRD7
Routing delay for FO7
0.90
1.02
1.20
ns
tRD8
Routing delay for FO8
1.00
1.13
1.33
ns
tRD16
Routing delay for FO16
2.17
2.46
2.89
ns
tRD32
Routing delay for FO32
3.55
4.03
4.74
ns
Table 2-68 • AX1000 Predicted Routing Delays
Worst-Case Commercial Conditions VCCA = 1.425 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Parameter
Description
Typical
Typical
Typical
Units
Predicted Routing Delays
tDC
DirectConnect Routing Delay, FO1
0.12
0.13
0.15
ns
tFC
FastConnect Routing Delay, FO1
0.35
0.39
0.46
ns
tRD1
Routing delay for FO1
0.45
0.51
0.60
ns
tRD2
Routing delay for FO2
0.53
0.60
0.71
ns
tRD3
Routing delay for FO3
0.56
0.63
0.74
ns
tRD4
Routing delay for FO4
0.63
0.71
0.84
ns
tRD5
Routing delay for FO5
0.73
0.82
0.97
ns
tRD6
Routing delay for FO6
0.99
1.13
1.32
ns
tRD7
Routing delay for FO7
1.02
1.15
1.36
ns
tRD8
Routing delay for FO8
1.48
1.68
1.97
ns
tRD16
Routing delay for FO16
2.57
2.91
3.42
ns
tRD32
Routing delay for FO32
4.24
4.81
5.65
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com