| 전자부품 데이터시트 검색엔진 |
|
AM85C30 데이터시트(PDF) 76 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 데이터시트(HTML) 76 Page - Advanced Micro Devices |
|
76 / 194 page ![]() Data Communication Modes Functional Description AMD 4–24 D C 0 D D D D C 0 C 1 C 1 C 2 C 3 C 4 C 5 C 6 C 7 C 6 C 7 C 8 C 9 C 10 C 11 C 12 C 13 C 8 C 9 C 10 C 11 C 12 C 13 C 14 C 15 Residue Code 0 1 2 0 1 0 D D D D D C 0 C 0 C 1 C 2 C 3 C 4 C 5 C 6 C 5 C 6 C 7 C 8 C 9 C 10 C 11 C 12 C 8 C 9 C 10 C 11 C 12 C 13 C 14 C 15 Residue Code 0 1 2 1 1 0 D D D D D D C 0 C 1 C 2 C 3 C 4 C 5 C 4 C 5 C 6 C 7 C 8 C 9 C 10 C 11 C 8 C 9 C 10 C 11 C 12 C 13 C 14 C 15 Residue Code 0 1 2 0 0 1 D D D D D C 0 C 1 C 2 C 3 C 4 C 3 C 4 C 5 C 6 C 7 C 8 C 9 C 10 C 8 C 9 C 10 C 11 C 12 C 13 C 14 C 15 Residue Code 0 1 2 1 0 1 D D D D D D D D D D C 0 C 1 C 2 C 3 C 2 C 3 C 4 C 5 C 6 C 7 C 8 C 9 Residue Code 0 1 2 0 1 1 D D D C C C C C C C C 8 9 10 11 12 13 14 15 D D D D D D D D D D D D D D D D D D C 0 C 1 C 2 C 1 C 2 C 3 C 4 C 5 C 6 C 7 C 8 Residue Code 0 1 2 1 0 0 D D D C C C C C C C C 7 8 9 10 11 12 13 14 D D D D D C C C C C C C C 8 9 10 11 12 13 14 15 10216A-016A Figure 4–16. Six Bits/Character |