| 전자부품 데이터시트 검색엔진 |
|
AT89LP51RB2 데이터시트(PDF) 65 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89LP51RB2 데이터시트(HTML) 65 Page - ATMEL Corporation |
|
65 / 254 page ![]() 65 3722A–MICRO–10/11 AT89LP51RB2/RC2/IC2 Preliminary Table 9-7. IPH0 – Interrupt Priority High Register 0 IPH0 = B7H Reset Value = 0000 0000B Not Bit Addressable IP1DIS PPCH PT2H PSH PT1H PX1H PT0H PX0H Bit 7 6 543 21 0 Symbol Function IP1DIS Interrupt Level 1 Disable Clear to enable all interrupts with priority level 1. Set to disable all interrupts with priority level 1. PPCH PCA Interrupt Priority High High order bit for PCA interrupt priority level. PT2H Timer 2 Interrupt Priority High High order bit for Timer 2 interrupt priority level. PSH Serial Port Interrupt Priority High High order bit for UART interrupt priority level. PT1H Timer 1 Interrupt Priority High High order bit for Timer 1 interrupt priority level. PX1H External Interrupt 1 Priority High High order bit for INT1 interrupt priority level. PT0H Timer 0 Interrupt Priority High High order bit for Timer 0 interrupt priority level. PX0H External Interrupt 0 Priority High High order bit for INT0 interrupt priority level. Table 9-8. IPH1 – Interrupt Priority High Register 1 IPH1 = B3H Reset Value = 0000 0000B Not Bit Addressable IP3DIS – PADCH PCMPH – PSPH PTWH PKBH Bit 7 6 543 21 0 Symbol Function IP3DIS Interrupt Level 3 Disable Clear to enable all interrupts with priority level 3. Set to disable all interrupts with priority level 3. PADCH ADC Interrupt Priority High High order bit for ADC interrupt priority level. PCMPH Analog Comparator Interrupt Priority High High order bit for Analog Comparator interrupt priority level. PSPH SPI Interrupt Priority High High order bit for SPI interrupt priority level. PTWH TWI Interrupt Priority High High order bit for TWI interrupt priority level. PKBH Keyboard Interrupt Priority High High order bit for Keyboard interrupt priority level. |