전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

376 데이터시트(PDF) 2 Page - Intel Corporation

부품명 376
상세설명  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

376 데이터시트(HTML) 2 Page - Intel Corporation

  376 Datasheet HTML 1Page - Intel Corporation 376 Datasheet HTML 2Page - Intel Corporation 376 Datasheet HTML 3Page - Intel Corporation 376 Datasheet HTML 4Page - Intel Corporation 376 Datasheet HTML 5Page - Intel Corporation 376 Datasheet HTML 6Page - Intel Corporation 376 Datasheet HTML 7Page - Intel Corporation 376 Datasheet HTML 8Page - Intel Corporation 376 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
376 EMBEDDED PROCESSOR
10 PIN DESCRIPTION
240182 – 52
Figure 11 80376 100-Pin Quad Flat-Pack Pin Out (Top View)
Table 11 100-Pin Plastic Quad Flat-Pack Pin Assignments
Address
Data
Control
NC
VCC
VSS
A1
18
D0
1
ADS
16
20
8
2
A2
51
D1
100
BHE
19
27
9
5
A3
52
D2
99
BLE
17
10
11
A4
53
D3
96
BUSY
34
29
21
12
A5
54
D4
95
CLK2
15
30
32
13
A6
55
D5
94
DC
24
31
39
14
A7
56
D6
93
ERROR
36
43
42
22
A8
58
D7
92
FLT
28
44
48
35
A9
59
D8
90
HLDA
3
45
57
41
A10
60
D9
89
HOLD
4
46
69
49
A11
61
D10
88
INTR
40
47
71
50
A12
62
D11
87
LOCK
26
84
63
A13
64
D12
86
MIO
23
91
67
A14
65
D13
83
NA
697
68
A15
66
D14
82
NMI
38
77
A16
70
D15
81
PEREQ
37
78
A17
72
READY
785
A18
73
RESET
33
98
A19
74
WR
25
A20
75
A21
76
A22
79
A23
80
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95