전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

376 데이터시트(PDF) 29 Page - Intel Corporation

부품명 376
상세설명  376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

376 데이터시트(HTML) 29 Page - Intel Corporation

Back Button 376 Datasheet HTML 25Page - Intel Corporation 376 Datasheet HTML 26Page - Intel Corporation 376 Datasheet HTML 27Page - Intel Corporation 376 Datasheet HTML 28Page - Intel Corporation 376 Datasheet HTML 29Page - Intel Corporation 376 Datasheet HTML 30Page - Intel Corporation 376 Datasheet HTML 31Page - Intel Corporation 376 Datasheet HTML 32Page - Intel Corporation 376 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 95 page
background image
376 EMBEDDED PROCESSOR
Table 32 Descriptor Types Used for Control Transfer
Control Transfer Types
Operation Types
Descriptor
Descriptor
Referenced
Table
Intersegment within the same privilege level
JMP CALL RET IRET
Code Segment
GDTLDT
Intersegment to the same or higher privilege level
CALL
Call Gate
GDTLDT
Interrupt within task may change CPL
Interrupt Instruction
Trap or
IDT
Exception External
Interrupt
Interrupt
Gate
Intersegment to a lower privilege level
RET IRET
Code Segment
GDTLDT
(changes task CPL)
CALL JMP
Task State
GDT
Segment
Task Switch
CALL JMP
Task Gate
GDTLDT
IRET
Task Gate
IDT
Interrupt Instruction
Exception External
Interrupt
NT (Nested Task bit of flag register) e 0
NT (Nested Task bit of flag register) e 1
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95