전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 2Page - STMicroelectronics AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Test results
AN3302
6/13
Doc ID 18163 Rev 1
3
Test results
Figure 4.
Inrush current of step-up
Figure 5.
Enable startup time of step-up
Figure 6.
Efficiency ch1 step-up
Figure 7.
Efficiency ch2-ch3 step-down
Figure 8.
Step-down load transient OUT2
Figure 9.
Step-down load transient OUT3
VIN_A = VIN_P = 5 V, VEN from 0 to 5 V, VOUT2 = 3.2 V, IOUT2
= 100-700 mA, CIN1,2,3 = 10 µF, COUT1,2,3 = 22 µF, L1 =
4.7 µH, L2 = L3 = 3.3 µH, Trise = Tfall = 1 µs
VIN_A = VIN_P = 5 V, VEN from 0 to 5 V, VOUT3 = 1.2 V, IOUT3
= 100-700 mA, CIN1,2,3 = 10 µF, COUT1,2,3 = 22 µF, L1 =
4.7 µH, L2 = L3 = 3.3 µH, Trise = Tfall = 1 µs
VEN
VOUT
STEP-UP
IIN
VIN
VEN
VOUT
STEP-UP
IIN
VIN
VEN
VOUT1
VOUT2
VOUT3
VEN
VOUT1
VOUT2
VOUT3
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
I
OUT [mA]
V
OUT = 7 V
V
OUT = 9.2 V
V
IN_A = VIN_P = 5 V, VEN = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
I
OUT [mA]
V
OUT = 7 V
V
OUT = 9.2 V
V
IN_A = VIN_P = 5 V, VEN = 1.2 V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
I
OUT [mA]
V
OUT = 3.3 V
V
OUT = 1.2 V
V
IN_A = VIN_P = 5 V, VEN = 5 V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
I
OUT [mA]
V
OUT = 3.3 V
V
OUT = 1.2 V
V
IN_A = VIN_P = 5 V, VEN = 5 V
V
OUT2 Step-down
I
OUT2 Step-down
V
OUT2 Step-down
I
OUT2 Step-down
V
OUT3 Step-down
I
OUT3 Step-down
V
OUT3 Step-down
I
OUT3 Step-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com