전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 3 Page - STMicroelectronics

  AN3302 Datasheet HTML 1Page - STMicroelectronics AN3302 Datasheet HTML 2Page - STMicroelectronics AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN3302
Block diagram
Doc ID 18163 Rev 1
3/13
1
Block diagram
Figure 2.
Block diagram and reference circuit
Out1
FB1
SW2
FB2
SW3
FB3
GND
R1
R2
R3
R4
L3
L2
C5
C4
C6
V
OUT2
3.3V
V
OUT3
0.8V-0.94*Vin
V
IN_A
GND
SW1
L1
R5
EN
TX
Reset
V
OUT1
6.5V-14V
V
IN
C1
C3
C2
STODD01
GND
GND
Reset
V
IN_P
Reset
Step Down
Step Down
S-Wire
Step Up
AM07856v1
Out1
FB1
SW2
FB2
SW3
FB3
GND
R1
R2
R3
R4
L3
L2
C5
C4
C6
V
OUT2
3.3V
V
OUT3
0.8V-0.94*Vin
V
IN_A
GND
SW1
L1
R5
EN
TX
Reset
V
OUT1
6.5V-14V
V
IN
C1
C3
C2
STODD01
GND
GND
Reset
V
IN_P
Reset
Step Down
Step Down
S-Wire
Step Up
AM07856v1
Table 1.
List of external components (1)
Component
Manufacturer
Part number
Value
Size
C1, C2, C3
Murata
GRM21BR61A1O6KE19L
10 µF
0805
C4, C5, C6
Murata
GRM32ER61C226KE2OL
22 µF
1210
L1
Coilcraft
LPS6225-472MLB
4.7 µH
6 x 6 x 2.5
L2, L3
Coilcraft
LPS4O18-332MLB
3.3 µH
4.1 x 4.1 x 1.8
R1
33 k
Ω (V
OUT1 = 8.8 V)
(2)
0603
R2
3.3 k
Ω
0603
R3
27 k
Ω (V
OUT3 = 1.2 V)
(3)
0603
R4
47 k
Ω
0603
R5
100 k
Ω
(4)
0603
If the S-wire function Is not used, the TX pin must be connected to GND.
List of external components (1)
1.
Components listed above refer to a typical application. Operation of the STODD01 is not limited to the choice of these
external components.
2.
R1 and R2 are calculated according to the following formula: R1 = R2 (VOUT1 / VFB1-1)
It is recommended to use resistors with values in the range of 1 k
Ω to 50 kΩ.
3.
R3 and R4 are calculated according to the following formula: R3 = R4 (VOUT3 / VFB3-1)
It is recommended to use resistors with values in the range of 1 k
Ω to 50 kΩ.
4.
It is recommended to use resistors with values in the range of 100 k
Ω to 1 MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com