전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics AN3302 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN3302
Test results
Doc ID 18163 Rev 1
7/13
3.1
S-wire protocol
The device implements an S-wire bus communication that uses one control signal coming
from the microprocessor to program the STODD01 output voltage (see Figure 10).
S-wire protocol allows to change the feedback voltage of the step-up section from 0.8 to
1.25 V, with steps of 15 mV. This feature allows complete and easy control of the laser diode
power during read and write operation.
If this function isn't used, the TX pin must be connected to GND.
The TX pin must be set to '1' after programming. If TX is programmed with 0 S-wire pulses,
the VFB1 is programmed to 0.8 V.
Figure 10.
Wire connection
AM07858v1
Reset
TX
EN
GND
EN
TX
Reset
STODD01
GND
GND
µP
GND
AM07858v1
Reset
TX
EN
GND
EN
TX
Reset
STODD01
GND
GND
µP
GND
Table 2.
Feedback one voltage level
S-wire pulses
VFB1 (V)
S-wire pulses
VFB1 (V)
S-wire pulses
VFB1 (V)
0 (Default Value)
0.800
11
0.965
22
1.130
1
0.815
12
0.980
23
1.145
2
0.830
13
0.995
24
1.160
3
0.845
14
1.010
25
1.175
4
0.860
15
1.025
26
1.190
5
0.875
16
1.040
27
1.205
6
0.890
17
1.055
28
1.220
7
0.905
18
1.070
29
1.235
8
0.920
19
1.085
30
1.250
9
0.935
20
1.100
10
0.950
21
1.115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com