전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics AN3302 Datasheet HTML 11Page - STMicroelectronics AN3302 Datasheet HTML 12Page - STMicroelectronics AN3302 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Test results
AN3302
10/13
Doc ID 18163 Rev 1
The output voltage ripple (VOUT_RIPPLE) in continuous mode, for the step-down channel,
must be calculated as:
Equation 7
where:
ΔI
L is the ripple current and FSW is the switching frequency.
The output voltage ripple (VOUT_RIPPLE) in continuous mode, for the step-up channel, is:
Equation 8
where FSW is the switching frequency.
The use of ceramic capacitors with voltage ratings in the range higher than 1.5 times the
maximum input or output voltage is recommended.
The inductors with low saturation current dramatically increase the inductor peak current
value; as shown, using an inductor with low saturation current, the inductor current is higher
than 2.4 A. With the LPS6225-472MLB inductor (ISAT = 3 A) the peak current value is about
1 A.
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⋅
+
⋅
Δ
=
SW
OUT
L
RIPPLE
_
OUT
F
C
8
1
ESR
I
V
(
)
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⋅
−
+
⋅
=
SW
OUT
OUT
IN
OUT
OUT
RIPPLE
_
OUT
F
C
V
V
V
ESR
I
V
Figure 13.
Inductor with high ISAT current
Figure 14.
Inductor with low ISAT current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com