전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 1 Page - STMicroelectronics

  AN3302 Datasheet HTML 1Page - STMicroelectronics AN3302 Datasheet HTML 2Page - STMicroelectronics AN3302 Datasheet HTML 3Page - STMicroelectronics AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2011
Doc ID 18163 Rev 1
1/13
AN3302
Application note
Monolithic power management for high definition ODD with
true shutdown, reset, and programmable step-up voltage
Introduction
Blu-ray disc players have grown rapidly in popularity due to the increasing availability of
digital services and high definition digital media content.
This application note describes how to use STODDO1, a complete power management for
BIu-ray disc players, based on high density optical storage devices. It integrates two step-
down converters and one step-up.
The step-down converters are optimized for powering Iow-voltage digital core, up to 0.8 A, in
ODD applications and, generally, to replace a high current linear solution when the power
dissipation may cause an overheating of the application environment.
The step-up provides the needed voltage for supplying the blue laser in mobile applications
where only 5 V is available. The output voltage is programmable, by using S-wire protocol, in
the range of 6.5 V to 14 V, with a current capability of 0.7 A.
Figure 1.
Blu-ray disc player power management architecture based on STODD01
The integrated low RDSon, for N-channel and P-channel MOSFET switches, contributes to
obtaining high efficiency.
The enable function for the step-up section, and reset function for monitoring the input
voltage, make the device particularly suitable for optical storage applications.
The high switching frequency (1.2 MHz typ.) allows the use of tiny surface-mounted
components. Furthermore, a low output ripple is guaranteed by the current mode PWM
topology and by the use of X7R or X5R and low ESR SMD ceramic capacitors.
The device includes soft-start control, thermal shutdown, and peak current limit, to prevent
damage due to accidental overload.
6 to 12 V
Motor
Control IC
Flash
DRAM
DSP
5 V
5 V
Step Down
ADJ 700 mA
Step Down
3.3 V 700 mA
1.2 V
3.3 V
Motors
5 V
Reset IC
Reset
BLUE Laser Driver
Step Up
ADJ 800mA
STODD01
AM07854v1
6 to 12 V
Motor
Control IC
Flash
DRAM
DSP
5 V
5 V
Step Down
ADJ 700 mA
Step Down
3.3 V 700 mA
1.2 V
3.3 V
Motors
5 V
Reset IC
Reset
BLUE Laser Driver
Step Up
ADJ 800mA
STODD01
AM07854v1
www.st.com


유사한 부품 번호 - AN3302

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
AN33016UA PANASONIC-AN33016UA Datasheet
537Kb / 19P
VIN = 5 to 39 V, VOUT = 1.2 to 9 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET
logo
Panasonic Battery Group
AN3301X PANASONICBATTERY-AN3301X Datasheet
431Kb / 2P
Highly Reliable DC/DC Series Step-Down Regulators with Controllable Switching Frequency
logo
STMicroelectronics
AN3303 STMICROELECTRONICS-AN3303 Datasheet
2Mb / 27P
Secondary-side rectification for an LLC resonant converter
20-Sep-2011
More results

유사한 설명 - AN3302

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
27-May-2005
MD1803DFH STMICROELECTRONICS-MD1803DFH Datasheet
201Kb / 10P
High voltage NPN Power transistor for standard definition CRT display
08-May-2006
MD2310FX STMICROELECTRONICS-MD2310FX Datasheet
254Kb / 10P
High voltage NPN Power transistor for standard definition CRT display
29-Sep-2006
MD1802FH STMICROELECTRONICS-MD1802FH Datasheet
102Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
109Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1803DFX_0609 STMICROELECTRONICS-MD1803DFX_0609 Datasheet
206Kb / 10P
High voltage NPN Power transistor for standard Definition CRT display
22-Sep-2006
S2000AF STMICROELECTRONICS-S2000AF_07 Datasheet
99Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Mar-2007
MD2001FH STMICROELECTRONICS-MD2001FH Datasheet
92Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
25-May-2007
STODD03 STMICROELECTRONICS-STODD03 Datasheet
612Kb / 16P
Monolithic 2-channel power management for high-definition ODD with integrated power switch
August 2011 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com