전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3302 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 AN3302
상세설명  Monolithic power management for high definition ODD with
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3302 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button AN3302 Datasheet HTML 4Page - STMicroelectronics AN3302 Datasheet HTML 5Page - STMicroelectronics AN3302 Datasheet HTML 6Page - STMicroelectronics AN3302 Datasheet HTML 7Page - STMicroelectronics AN3302 Datasheet HTML 8Page - STMicroelectronics AN3302 Datasheet HTML 9Page - STMicroelectronics AN3302 Datasheet HTML 10Page - STMicroelectronics AN3302 Datasheet HTML 11Page - STMicroelectronics AN3302 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test results
AN3302
8/13
Doc ID 18163 Rev 1
Figure 11.
Single wire programming
V
FB1 = 0.83 V
V
FB1 = 0.845 V
V
FB1 = 0.86 V
V
FB1 = 0.875 V
V
FB1 = 0.89 V
V
FB1 = 0.905 V
V
FB1 = 0.92 V
V
FB1 = 0.935 V
V
FB1 = 0.95 V
V
FB1 = 1.25 V
V
FB1= 0.815 V
1
1
2
30
29
28
1
1
2
23
3
4
5
6
5
67
7
4
5
67
4
3
2
1
5
67
4
3
2
1
5
6
4
3
2
1
5
4
3
2
1
4
3
2
1
3
2
1
8
9
10
8
9
8
V
FB1 = no change or 0.8 V at startup
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
1
2
3
4
5
6
7
8
9
10
11
12
1 3
S-WIRE
V
FB1 = 0.8 V
S-WIRE
AM07859v1
V
FB1 = 0.83 V
V
FB1 = 0.845 V
V
FB1 = 0.86 V
V
FB1 = 0.875 V
V
FB1 = 0.89 V
V
FB1 = 0.905 V
V
FB1 = 0.92 V
V
FB1 = 0.935 V
V
FB1 = 0.95 V
V
FB1 = 1.25 V
V
FB1= 0.815 V
1
1
2
30
29
28
1
1
2
23
3
4
5
6
5
67
7
4
5
67
4
3
2
1
5
67
4
3
2
1
5
6
4
3
2
1
5
4
3
2
1
4
3
2
1
3
2
1
8
9
10
8
9
8
V
FB1 = no change or 0.8 V at startup
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
S-WIRE
1
2
3
4
5
6
7
8
9
10
11
12
1 3
S-WIRE
V
FB1 = 0.8 V
S-WIRE
AM07859v1
Figure 12.
Example of S-wire programming
5 PULSES SEQUENCE
30 PULSES SEQUENCE
DEFAULT VALUE
VFB1
VEN
5 PULSES SEQUENCE
30 PULSES SEQUENCE
DEFAULT VALUE
VFB1
VEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com