| 전자부품 데이터시트 검색엔진 |
|
UPD30121 데이터시트(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD30121 데이터시트(HTML) 3 Page - NEC |
|
3 / 76 page ![]() Data Sheet U14691EJ1V0DS00 3 µµµµPD30121 Pin No. Power Supply Pin Name Pin No. Power Supply Pin Name Pin No. Power Supply Pin Name A1 3.3 V VDD3 C15 3.3 V RTS#/CLKSEL1 H15 3.3 V GND3 A2 3.3 V SHB# C16 3.3 V GND3 H16 3.3 V KPORT6 A3 3.3 V BUSCLK C17 3.3 V ILCSENSE H17 3.3 V KPORT4 A4 3.3 V HLDACK# C18 3.3 V AFERST# H18 2.5 V VDD2 A5 3.3 V IOCHRDY D1 3.3 V DATA5 J1 3.3 V DATA20/GPIO20 A6 3.3 V MEMW# D2 3.3 V DATA3 J2 3.3 V DATA17/GPlO17 A7 3.3 V ADD23 D3 3.3 V DATA6 J3 3.3 V DATA22/GPlO22 A8 3.3 V VDD3 D4 3.3 V GND3 J4 3.3 V DATA19/GPIO19 A9 3.3 V ADD18 D5 3.3 V MEMCS16# J15 3.3 V KSCAN9/GPIO41 A10 3.3 V ADD15 D6 3.3 V ADD25/SCLK J16 3.3 V VDD3 A11 3.3 V ADD8 D7 3.3 V GND3 J17 2.5 V GND2 A12 3.3 V ADD7 D8 3.3 V ADD19 J18 3.3 V KSCAN11/GPIO43 A13 2.5 V VDD2 D9 3.3 V ADD16 K1 3.3 V DATA23/GPIO23 A14 3.3 V DCD#/GPIO15 D10 3.3 V ADD14 K2 3.3 V DATA26/GPIO26 A15 3.3 V TXD/CLKSEL2 D11 3.3 V VDD3 K3 3.3 V DATA25/GPIO25 A16 3.3 V IRDOUT# D12 3.3 V GND3 K4 3.3 V DATA21/GPIO21 A17 3.3 V IRING D13 3.3 V ADD4 K15 3.3 V KSCAN7/GPIO39 A18 3.3 V VDD3 D14 3.3 V CTS# K16 3.3 V KSCAN10/GPIO42 B1 3.3 V DATA1 D15 3.3 V GND3 K17 3.3 V KSCAN5/GPIO37 B2 3.3 V IOR# D16 3.3 V GND3 K18 3.3 V KSCAN8/GPIO40 B3 3.3 V IOW# D17 3.3 V SDI L1 3.3 V DATA27/GPIO27 B4 3.3 V LEDOUT# D18 3.3 V SDO L2 3.3 V DATA31/GPIO31 B5 3.3 V FIRCLK E1 3.3 V DATA9 L3 3.3 V DATA29/GPIO29 B6 3.3 V HLDRQ# E2 3.3 V DATA4 L4 3.3 V DATA24/GPIO24 B7 3.3 V ZWS# E3 3.3 V DATA7 L15 3.3 V KSCAN3/GPIO35 B8 3.3 V ADD24 E4 3.3 V DATA10 L16 3.3 V KSCAN6/GPIO38 B9 3.3 V ADD21 E15 3.3 V OPD# L17 3.3 V KSCAN0/GPIO32 B10 3.3 V ADD12 E16 3.3 V HSPSCLK L18 3.3 V KSCAN4/GPIO36 B11 3.3 V ADD6 E17 3.3 V FS M1 3.3 V DATA30/GPIO30 B12 2.5 V GND2 E18 3.3 V HC0 M2 3.3 V VDD3 B13 3.3 V DSR# F1 3.3 V DATA13 M3 3.3 V GND3 B14 3.3 V IRDIN F2 3.3 V DATA8 M4 3.3 V DATA28/GPIO28 B15 3.3 V FIRDIN#/SEL F3 3.3 V DATA11 M15 3.3 V KSCAN2/GPIO34 B16 3.3 V BATTINH/BATTINT# F4 3.3 V DATA14 M16 3.3 V MIPS16EN B17 3.3 V OFFHOOK F15 3.3 V KPORT3 M17 3.3 V GND3 B18 3.3 V MUTE F16 3.3 V HSPMCLK M18 3.3 V KSCAN1/GPIO33 C1 3.3 V DATA2 F17 3.3 V TELCON N1 2.5 V VDD2 C2 3.3 V DATA0 F18 3.3 V KPORT1 N2 3.3 V ADD3 C3 3.3 V SMODE2 G1 2.5 V VDD2 N3 3.3 V ADD10 C4 3.3 V CKE G2 3.3 V DATA12 N4 3.3 V GND2 C5 3.3 V GND3 G3 3.3 V DATA15 N15 3.3 V GND3 C6 3.3 V IOCS16# G4 3.3 V GND3 N16 3.3 V VDD3 C7 3.3 V MEMR# G15 3.3 V KPORT7 N17 2.5 V VDDP C8 3.3 V ADD22 G16 3.3 V KPORT2 N18 3.3 V GND3 C9 3.3 V ADD20 G17 3.3 V KPORT0 P1 3.3 V ADD9 C10 3.3 V ADD17 G18 3.3 V KPORT5 P2 3.3 V ADD0 C11 3.3 V ADD13 H1 3.3 V DATA16/GPIO16 P3 3.3 V ADD2 C12 3.3 V ADD5 H2 2.5 V GND2 P4 3.3 V ADD11 C13 3.3 V RXD H3 3.3 V DATA18/GPIO18 P15 2.5 V VDD2 (VDDPD) C14 3.3 V DTR#/CLKSEL0 H4 3.3 V VDD3 P16 2.5 V GNDP Remark # indicates active low. |