전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD30121 데이터시트(PDF) 4 Page - NEC

부품명 UPD30121
상세설명  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD30121 데이터시트(HTML) 4 Page - NEC

  UPD30121 Datasheet HTML 1Page - NEC UPD30121 Datasheet HTML 2Page - NEC UPD30121 Datasheet HTML 3Page - NEC UPD30121 Datasheet HTML 4Page - NEC UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Data Sheet U14691EJ1V0DS00
4
µµµµPD30121
Pin No.
Power
Supply
Pin Name
Pin No.
Power
Supply
Pin Name
Pin No.
Power
Supply
Pin Name
P17
3.3 V
CLKX2
T6
3.3 V
AVDD
U13
3.3 V
GPIO9
P18
2.5 V
GND2 (GNDPD)
T7
3.3 V
LCAS#
U14
3.3 V
SYSDIR/GPIO6
R1
3.3 V
ADD1
T8
3.3 V
ROMCS2#
U15
3.3 V
SCAS#/GPIO5
R2
3.3 V
POWER
T9
3.3 V
RD#
U16
3.3 V
GPIO1
R3
3.3 V
GND3
T10
3.3 V
WR#
U17
3.3 V
GPIO2
R4
3.3 V
GND3
T11
3.3 V
DBUS32/GPIO48
U18
3.3 V
CGND
R5
3.3 V
AUDIOIN
T12
3.3 V
DDOUT/GPIO44
V1
3.3 V
VDD3
R6
3.3 V
DVDD
T13
3.3 V
GPIO11
V2
3.3 V
PIUGND
R7
3.3 V
MRAS2#/ULCAS#
T14
3.3 V
GPIO8
V3
3.3 V
TPX0
R8
3.3 V
MRAS1#
T15
3.3 V
GND3
V4
3.3 V
TPY1
R9
3.3 V
ROMCS1#
T16
3.3 V
GND3
V5
3.3 V
ADIN2
R10
3.3 V
RSTOUT
T17
3.3 V
GPIO0
V6
3.3 V
AUDIOOUT
R11
3.3 V
GND3
T18
3.3 V
RTCX1
V7
3.3 V
MRAS3#/UUCAS#
R12
3.3 V
SMODE1/GPIO49
U1
3.3 V
MPOWER
V8
3.3 V
MRAS0#
R13
3.3 V
DDIN/GPIO45
U2
3.3 V
RTCRST#
V9
3.3 V
ROMCS0#
R14
3.3 V
GPIO12
U3
3.3 V
AGND
V10
3.3 V
VDD3
R15
3.3 V
GND3
U4
3.3 V
TPX1
V11
3.3 V
LCDCS#
R16
3.3 V
CVDD
U5
3.3 V
TPY0
V12
3.3 V
DCTS#/GPIO47
R17
3.3 V
RTCX2
U6
3.3 V
ADIN1
V13
3.3 V
GPIO14
R18
3.3 V
CLKX1
U7
3.3 V
DGND
V14
3.3 V
GPIO10
T1
3.3 V
POWERON
U8
3.3 V
UCAS#
V15
3.3 V
SPOWER/GPIO7
T2
3.3 V
RSTSW#
U9
3.3 V
ROMCS3#
V16
3.3 V
SRAS#/GPIO4
T3
3.3 V
GND3
U10
3.3 V
LDCRDY
V17
3.3 V
GPIO3
T4
3.3 V
PIUVDD
U11
3.3 V
DRTS#/GPIO46
V18
3.3 V
VDD3
T5
3.3 V
ADIN0
U12
3.3 V
GPIO13
Remark # indicates active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76