| 전자부품 데이터시트 검색엔진 |
|
PD46185092B 데이터시트(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD46185092B 데이터시트(HTML) 4 Page - Renesas Technology Corp |
|
4 / 36 page ![]() μPD46185092B, μPD46185182B, μPD46185362B R10DS0112EJ0200 Rev.2.00 Page 4 of 35 Nov 09, 2012 Pin Arrangement 165-pin PLASTIC BGA (13 x 15) (Top View) [ μPD46185182B] 1M x 18 1 2 3 4 5 6 7 8 9 10 11 A CQ# VSS/144M NC/36M W# BW1# K# NC/288M R# A VSS/72M CQ B NC Q9 D9 A NC K BW0# A NC NC Q8 C NC NC D10 VSS A A A VSS NC Q7 D8 D NC D11 Q10 VSS VSS VSS VSS VSS NC NC D7 E NC NC Q11 VDDQ VSS VSS VSS VDDQNC D6 Q6 F NC Q12 D12 VDDQ VDD VSS VDD VDDQNC NC Q5 G NC D13 Q13 VDDQ VDD VSS VDD VDDQ NC NC D5 H DLL# VREF VDDQ VDDQ VDD VSS VDD VDDQVDDQ VREF ZQ J NC NC D14 VDDQ VDD VSS VDD VDDQNC Q4 D4 K NC NC Q14 VDDQ VDD VSS VDD VDDQNC D3 Q3 L NC Q15 D15 VDDQ VSS VSS VSS VDDQNC NC Q2 M NC NC D16 VSS VSS VSS VSS VSS NC Q1 D2 N NC D17 Q16 VSS A A A VSS NC NC D1 P NC NC Q17 A A C A A NC D0 Q0 R TDO TCK A A A C# A A A TMS TDI A : Address inputs TMS : IEEE 1149.1 Test input D0 to D17 : Data inputs TDI : IEEE 1149.1 Test input Q0 to Q17 : Data outputs TCK : IEEE 1149.1 Clock input R# : Read input TDO : IEEE 1149.1 Test output W# : Write input VREF : HSTL input reference input BW0#, BW1# : Byte Write data select VDD : Power Supply K, K# : Input clock VDDQ : Power Supply C, C# : Output clock VSS : Ground CQ, CQ# : Echo clock NC : No connection ZQ : Output impedance matching NC/xxM : Expansion address for xxMb DLL# : PLL disable Remarks 1. ×××# indicates active LOW. 2. Refer to Package Dimensions for the index mark. 3. 2A, 3A, 7A and 10A are expansion addresses : 3A for 36Mb : 3A and 10A for 72Mb : 3A, 10A and 2A for 144Mb : 3A, 10A, 2A and 7A for 288Mb 2A and 10A of this product can also be used as NC. |