| 전자부품 데이터시트 검색엔진 |
|
PD46185092B 데이터시트(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD46185092B 데이터시트(HTML) 3 Page - Renesas Technology Corp |
|
3 / 36 page ![]() μPD46185092B, μPD46185182B, μPD46185362B R10DS0112EJ0200 Rev.2.00 Page 3 of 35 Nov 09, 2012 Pin Arrangement 165-pin PLASTIC BGA (13 x 15) (Top View) [ μPD46185092B] 2M x 9 1 2 3 4 5 6 7 8 9 10 11 A CQ# VSS/72M A W# NC K# NC/144M R# A VSS/36M CQ B NC NC NC A NC/288M K BW0# A NC NC Q4 C NC NC NC VSS A A A VSS NC NC D4 D NC D5 NC VSS VSS VSS VSS VSS NC NC NC E NC NC Q5 VDDQ VSS VSS VSS VDDQNC D3 Q3 F NC NC NC VDDQ VDD VSS VDD VDDQ NC NC NC G NC D6 Q6 VDDQ VDD VSS VDD VDDQ NC NC NC H DLL# VREF VDDQ VDDQ VDD VSS VDD VDDQVDDQ VREF ZQ J NC NC NC VDDQ VDD VSS VDD VDDQNC Q2 D2 K NC NC NC VDDQ VDD VSS VDD VDDQ NC NC NC L NC Q7 D7 VDDQ VSS VSS VSS VDDQNC NC Q1 M NC NC NC VSS VSS VSS VSS VSS NC NC D1 N NC D8 NC VSS A A A VSS NC NC NC P NC NC Q8 A A C A A NC D0 Q0 R TDO TCK A A A C# A A A TMS TDI A : Address inputs TMS : IEEE 1149.1 Test input D0 to D8 : Data inputs TDI : IEEE 1149.1 Test input Q0 to Q8 : Data outputs TCK : IEEE 1149.1 Clock input R# : Read input TDO : IEEE 1149.1 Test output W# : Write input VREF : HSTL input reference input BW0# : Byte Write data select VDD : Power Supply K, K# : Input clock VDDQ : Power Supply C, C# : Output clock VSS : Ground CQ, CQ# : Echo clock NC : No connection ZQ : Output impedance matching NC/xxM : Expansion address for xxMb DLL# : PLL disable Remarks 1. ×××# indicates active LOW. 2. Refer to Package Dimensions for the index mark. 3. 2A, 7A, 10A and 5B are expansion addresses : 10A for 36Mb : 10A and 2A for 72Mb : 10A, 2A and 7A for 144Mb : 10A, 2A, 7A and 5B for 288Mb 2A and 10A of this product can also be used as NC. |