| 전자부품 데이터시트 검색엔진 |
|
PD46185092B 데이터시트(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD46185092B 데이터시트(HTML) 12 Page - Renesas Technology Corp |
|
12 / 36 page ![]() μPD46185092B, μPD46185182B, μPD46185362B R10DS0112EJ0200 Rev.2.00 Page 12 of 35 Nov 09, 2012 Bus Cycle State Diagram READ DOUBLE WRITE DOUBLE AT K# Power UP Always Supply voltage provided LOAD NEW READ ADDRESS READ PORT NOP R_Init = 0 WRITE PORT NOP LOAD NEW WRITE ADDRESS AT K# Always W# = LOW Supply voltage provided W# = LOW W# = HIGH W# = HIGH R# = LOW R# = LOW R# = HIGH R# = HIGH Remarks 1. The address is concatenated with 1 additional internal LSB to facilitate burst operation. The address order is always fixed as: xxx...xxx+0, xxx...xxx+1. Bus cycle is terminated at the end of this sequence (burst count = 2). 2. Read and write state machines can be active simultaneously. 3. State machine control timing sequence is controlled by K. |