| 전자부품 데이터시트 검색엔진 |
|
PD46185092B 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD46185092B 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 36 page ![]() μPD46185092B, μPD46185182B, μPD46185362B R10DS0112EJ0200 Rev.2.00 Page 2 of 35 Nov 09, 2012 Ordering Information Part No. Organization (word x bit) Cycle time Clock frequency Core Supply Voltage Operating Ambient Temperature Package μPD46185092BF1-E33-EQ1-A 2M x 9 3.3ns 300MHz 1.8 ± 0.1 V TA = 0 to 70°C 165-pin μPD46185092BF1-E40-EQ1-A 4.0ns 250MHz PLASTIC μPD46185182BF1-E33-EQ1-A 1M x 18 3.3ns 300MHz BGA μPD46185182BF1-E40-EQ1-A 4.0ns 250MHz (13 x 15) μPD46185362BF1-E33-EQ1-A 512K x 36 3.3ns 300MHz Lead-free μPD46185362BF1-E40-EQ1-A 4.0ns 250MHz μPD46185092BF1-E33Y-EQ1-A 2M x 9 3.3ns 300MHz 1.8 ±0.1 V TA = −40 to 85°C μPD46185092BF1-E40Y-EQ1-A 4.0ns 250MHz μPD46185182BF1-E33Y-EQ1-A 1M x 18 3.3ns 300MHz μPD46185182BF1-E40Y-EQ1-A 4.0ns 250MHz μPD46185362BF1-E33Y-EQ1-A 512K x 36 3.3ns 300MHz μPD46185362BF1-E40Y-EQ1-A 4.0ns 250MHz μPD46185092BF1-E33-EQ1 2M x 9 3.3ns 300MHz 1.8 ± 0.1 V TA = 0 to 70°C 165-pin μPD46185092BF1-E40-EQ1 4.0ns 250MHz PLASTIC μPD46185182BF1-E33-EQ1 1M x 18 3.3ns 300MHz BGA μPD46185182BF1-E40-EQ1 4.0ns 250MHz (13 x 15) μPD46185362BF1-E33-EQ1 512K x 36 3.3ns 300MHz Lead μPD46185362BF1-E40-EQ1 4.0ns 250MHz μPD46185092BF1-E33Y-EQ1 2M x 9 3.3ns 300MHz 1.8 ±0.1 V TA = −40 to 85°C μPD46185092BF1-E40Y-EQ1 4.0ns 250MHz μPD46185182BF1-E33Y-EQ1 1M x 18 3.3ns 300MHz μPD46185182BF1-E40Y-EQ1 4.0ns 250MHz μPD46185362BF1-E33Y-EQ1 512K x 36 3.3ns 300MHz μPD46185362BF1-E40Y-EQ1 4.0ns 250MHz |