| 전자부품 데이터시트 검색엔진 |
|
PD46185092B 데이터시트(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD46185092B 데이터시트(HTML) 11 Page - Renesas Technology Corp |
|
11 / 36 page ![]() μPD46185092B, μPD46185182B, μPD46185362B R10DS0112EJ0200 Rev.2.00 Page 11 of 35 Nov 09, 2012 Byte Write Operation [ μPD46185092B] Operation K K# BW0# Write D0 to D8 L → H − 0 − L → H 0 Write nothing L → H − 1 − L → H 1 Remarks 1. H : HIGH, L : LOW, → : rising edge. 2. Assumes a WRITE cycle was initiated. BW0# can be altered for any portion of the BURST WRITE operation provided that the setup and hold requirements are satisfied. [ μPD46185182B] Operation K K# BW0# BW1# Write D0 to D17 L → H − 0 0 − L → H 0 0 Write D0 to D8 L → H − 0 1 − L → H 0 1 Write D9 to D17 L → H − 1 0 − L → H 1 0 Write nothing L → H − 1 1 − L → H 1 1 Remarks 1. H : HIGH, L : LOW, → : rising edge. 2. Assumes a WRITE cycle was initiated. BW0# and BW1# can be altered for any portion of the BURST WRITE operation provided that the setup and hold requirements are satisfied. [ μPD46185362B] Operation K K# BW0# BW1# BW2# BW3# Write D0 to D35 L → H − 0 0 0 0 − L → H 0 0 0 0 Write D0 to D8 L → H − 0 1 1 1 − L → H 0 1 1 1 Write D9 to D17 L → H − 1 0 1 1 − L → H 1 0 1 1 Write D18 to D26 L → H − 1 1 0 1 − L → H 1 1 0 1 Write D27 to D35 L → H − 1 1 1 0 − L → H 1 1 1 0 Write nothing L → H − 1 1 1 1 − L → H 1 1 1 1 Remarks 1. H : HIGH, L : LOW, → : rising edge. 2. Assumes a WRITE cycle was initiated. BW0# to BW3# can be altered for any portion of the BURST WRITE operation provided that the setup and hold requirements are satisfied. |