전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RM0319 데이터시트(PDF) 350 Page - STMicroelectronics

부품명 RM0319
상세설명  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 데이터시트(HTML) 350 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 346Page - STMicroelectronics RM0319 Datasheet HTML 347Page - STMicroelectronics RM0319 Datasheet HTML 348Page - STMicroelectronics RM0319 Datasheet HTML 349Page - STMicroelectronics RM0319 Datasheet HTML 350Page - STMicroelectronics RM0319 Datasheet HTML 351Page - STMicroelectronics RM0319 Datasheet HTML 352Page - STMicroelectronics RM0319 Datasheet HTML 353Page - STMicroelectronics RM0319 Datasheet HTML 354Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 368 page
background image
Real-time clock (RTC)
RM0319
350/368
Doc ID 022640 Rev 3
35
Real-time clock (RTC)
This chapter focuses on RTC functionality and operation.
For technical details about the programmable registers related to the RTC, refer to the RTC
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
35.1
Overview
The RTC is an APB slave block that keeps track of the real time of day. It also functions as
an alarm and a calendar. The time is displayed in 24-hour format, and time/calendar values
are stored in binary-coded decimal format.
35.2
Main features
●
Time-of-day clock in 24-hour mode
●
Calendar
●
Alarm capability
●
Two general purpose registers
●
Supports self-isolation mode, which allows RTC to work even if power is not supplied to
the rest of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More