전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4658 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 AN4658
상세설명  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 7Page - STMicroelectronics AN4658 Datasheet HTML 8Page - STMicroelectronics AN4658 Datasheet HTML 9Page - STMicroelectronics AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID027496 Rev 1
11/24
AN4658
Peripheral migration guide
23
2.4
Flexible memory controller (FMC)
Table 6 presents the differences between the FMC features of STM32F429/439 and
STM32F446 lines.
User option bytes
nRST_STOP
nRST_STOP
nRST_STDBY
nRST_STDBY
WDG_SW
IWDG_SW
BOR_LEV[1:0]
BOR_LEV[2:0]
BFB2
NA
SPRMOD
SPRMOD
DB1M
NA
nWRP
nWRP
Table 5. Flash memory comparison (continued)
Flash
STM32F429xx/439xx
STM32F446xx
Table 6. FMC comparison
FMC
STM32F429xx/439xx
STM32F446xx
External memory interface
–SRAM
– NOR/NAND memories
– PSRAM (4 memory banks)
– Two banks of NAND Flash
memory with ECC hardware
– 16-bit PC Card compatible
devices
–SRAM
– NOR/NAND memories
– PSRAM (4 memory banks)
– One bank of NAND Flash
memory with ECC hardware
Data bus width
8, 16 or 32 bits
8 or 16 bits
FMC Bank
memory mapping
Bank1
4x64MB
NOR/PSRAM/SRAM
NOR/PSRAM/SRAM
Bank2
4x64MB
NAND Flash
Reserved
Bank3
4x64MB
NAND Flash
NAND Flash
Bank4
4x64MB
PC card
Reserved
SDRAM Bank1
4x64MB
SDRAM
SDRAM
SDRAM Bank2
4x64MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24