전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4658 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN4658
상세설명  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 8Page - STMicroelectronics AN4658 Datasheet HTML 9Page - STMicroelectronics AN4658 Datasheet HTML 10Page - STMicroelectronics AN4658 Datasheet HTML 11Page - STMicroelectronics AN4658 Datasheet HTML 12Page - STMicroelectronics AN4658 Datasheet HTML 13Page - STMicroelectronics AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Peripheral migration guide
AN4658
12/24
DocID027496 Rev 1
2.5
Interrupts
Table 7 presents the interrupt vectors in the STM32F429/439 vs. the STM32F446 lines.
Again, a gray cell indicates that the feature is not available.
Memory
mapping swap
(SWP_FMC=01b)
0xD000 0000 to
0xDFFF FFFF
PC card 256 MB
Reserved
0xC000 0000 to
0xCFFF FFFF
NAND Bank2 256 MB
NOR/RAM 256 MB
0xA000 0000 to
0xAFFF FFFF
Registers
Registers
0x9000 0000 to
0x9FFF FFFF
SDRAM Bank2 256 MB
QuadSPI 256 MB
0x8000 0000 to
0x8FFF FFFF
SDRAM Bank1 256 MB
NAND Bank3 256 MB
0x7000 0000 to
0x7FFF FFFF
NAND Bank1 256 MB
SDRAM Bank2 256 MB
0x6000 0000 to
0x6FFF FFFF
NOR/RAM 256 MB
SDRAM Bank1 256 MB
Table 6. FMC comparison (continued)
FMC
STM32F429xx/439xx
STM32F446xx
Table 7. Interrupt vector comparison
Position
STM32F429xx/439xx
STM32F446xx
61
ETH
NA
62
ETH_WKUP
NA
79
CRYP
NA
80
HASH_RNG
NA
82
UART7
NA
83
UART8
NA
85
SPI5
NA
86
SPI6
NA
88
LCD-TFT
NA
89
LCD-TFT
NA
90
DMA2D
NA
91
NA
SAI2
92
NA
QUADSPI
93
NA
HDMI-CEC
94
NA
SPDIF-RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24