| 전자부품 데이터시트 검색엔진 |
|
AN4658 데이터시트(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4658 데이터시트(HTML) 5 Page - STMicroelectronics |
|
5 / 24 page ![]() DocID027496 Rev 1 5/24 AN4658 Hardware migration guide 23 1 Hardware migration guide Except for the LQFP100 and LQFP144 packages, the STM32F446xx devices are fully pin-to-pin compatible with the STM32F429xx/439xx devices, allowing the user to try different peripherals, and reaching higher performance (higher frequency) for a greater degree of freedom during the development cycle. The transition from the STM32F429/439 lines to the STM32F446 line is simple since only a few pins are impacted, as summarized in Table 2. 1.1 Recommendations for board migration For the LQFP100 package PB11 is not available anymore and it is replaced by VCAP1. For the LQFP144 the PCB change is mandatory only when an external ULPI PHY is used in USB HS mode, otherwise no PCB update is needed. A dedicated VDDUSB supply is used on STM32F446 and it is available only on LQFP144, UFBGA144 and WLCSP81 packages. The pin PDR_ON used on STM32F429 to enable power supervisor is now managed in static way. Figure 1 and Figure 2 show two examples of board designs migrating from STM32F429 to STM32F446. Table 2. Pinout comparison (LQFP packages) STM32F429xx/439xx STM32F446xx QFP100 QFP144 Pinout QFP100 QFP144 Pinout 48 - PB11 48 - VCAP1 49 - VCAP1 49 - VSS -70(1) 1. For the LQFP144 the PCB change is mandatory only when an external ULPI PHY is used in USB HS mode, otherwise no PCB update is needed. PB11 (OTG_HS_ULPI_D4) - 70(1) PB11 -48(1) PB2 - 48(1) PB2 (OTG_HS_ULPI_D4) - 95 VDD - 95 VDDUSB |