전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4658 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 AN4658
상세설명  For more and more applications using STM32 products
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4658 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button AN4658 Datasheet HTML 14Page - STMicroelectronics AN4658 Datasheet HTML 15Page - STMicroelectronics AN4658 Datasheet HTML 16Page - STMicroelectronics AN4658 Datasheet HTML 17Page - STMicroelectronics AN4658 Datasheet HTML 18Page - STMicroelectronics AN4658 Datasheet HTML 19Page - STMicroelectronics AN4658 Datasheet HTML 20Page - STMicroelectronics AN4658 Datasheet HTML 21Page - STMicroelectronics AN4658 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Peripheral migration guide
AN4658
18/24
DocID027496 Rev 1
2.13
USB OTG
The STM32F446xx and STM32F429xx/439xx implement similar USB peripherals, as shown
in Table 17, where a gray cell indicates a not available feature.
Table 17. USB comparison
USB
STM32F429xx/439xx
STM32F446xx
Features
Universal Serial Bus Revision 2.0
Full support for the USB On-The-Go (USB OTG)
USB internal connect/disconnect feature with an internal pull-up resistor on the USB D + (USB_DP) line
NA
Independent VDDUSB power supply allowing lower
VDD (down to 1.8 V) while using USB
FS mode
1 bidirectional control endpoint
3 IN endpoints (Bulk, Interrupt, Isochronous)
3 OUT endpoints (Bulk, Interrupt, Isochronous
1 bidirectional control endpoint
5 IN endpoints (Bulk, Interrupt, Isochronous)
5 OUT endpoints (Bulk, Interrupt, Isochronous)
HS mode
6 bidirectional endpoints (including EP0)
12 Host mode channels
Buffer
memory
FS mode
Management of up to 4 Tx FIFOs
(1 for each IN end point) + 1 Rx FIFO
Management of up to 6 Tx FIFOs
(1 for each IN end point) + 1 Rx FIFO
HS mode
4 KB total RAM
Low-
power
modes
FS mode
USB suspend and resume
USB suspend and resume
Link Power Management (LPM) support
HS mode
LPM not supported
LPM supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24