| 전자부품 데이터시트 검색엔진 |
|
AN4658 데이터시트(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4658 데이터시트(HTML) 20 Page - STMicroelectronics |
|
20 / 24 page ![]() Peripheral migration guide AN4658 20/24 DocID027496 Rev 1 2.15 Secure digital input/output interface (SDIO) The STM32F429xx and STM32F446xx products implement very similar SDIO module. The key differences are listed in Table 20, where a gray cell indicates that the feature is not available. Table 21. SDIO_STA register for STM32F446xx products Table 22. SDIO_ICR register for STM32F446xx products Table 23. SDIO_CMD register for STM32F446xx products Table 20. SDIO comparison SDIO STM32F429xx/439xx STM32F446xx Features Full compliance with MultiMediaCard System Specification Version 4.2 Full compliance with SD Memory Card Specifications Version 2.0 Full compliance with SD I/O Card Specification Version 2.0 Full support of the CE-ATA features NA SDMMC registers(1) 1. See Table 21, Table 22 and Table 23. The added bits in DCMI registers are shown in Table 21, Table 22 and Table 23, where the changes are highlighted in red, and reserved bits are in light gray. - CE-ATA protocol related features removed from specification (updated SDIO_STA, SDIO_ICR and SDIO_CMD registers) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Res. Res. Res. Res. Res. Res. Res. Res. Res. SDIOIT RXD AVL TXD AVL RX FIFOE TX FIFOE RX FIFOF TX FIFOF 15 14 13 12 11 10 9 876 5 4321 0 RX FIFO HF TX FIFO HE RXACT TXACT CMD ACT DBCK END Res. DATA END CMDS ENT CMDR END RX OVERR TXUND ERR DTIME OUT CTIME OUT DCRC FAIL CCRC FAIL 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Res. Res. Res. Res. Res. Res. Res. Res. Res. SDIO ITC Res. Res. Res. Res. Res. Res. 15 14 13 12 11 10 9 8 7 6 5 4 3210 Res. Res. Res. Res. Res. DBCK ENDC Res. DATA ENDC CMD SENTC CMD RENDC RX OVERRC TX UNDERRC DTIME OUTC CTIME OUTC DCRC FAILC CCRC FAILC 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. Res. 15 14 13 12 11 10 9876 5432 10 Res. Res. Res. Res. SDIO Suspend CPSM EN WAIT PEND WAIT INT WAITRESP CMDINDEX |