전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD750064CU 데이터시트(PDF) 25 Page - NEC

부품명 UPD750064CU
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD750064CU 데이터시트(HTML) 25 Page - NEC

Back Button UPD750064CU Datasheet HTML 21Page - NEC UPD750064CU Datasheet HTML 22Page - NEC UPD750064CU Datasheet HTML 23Page - NEC UPD750064CU Datasheet HTML 24Page - NEC UPD750064CU Datasheet HTML 25Page - NEC UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC UPD750064CU Datasheet HTML 28Page - NEC UPD750064CU Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
25
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
6.3 Subsystem Clock Oscillator Control Function
The subsystem clock oscillator of the
µPD750068 has the following two control functions to decrease the supply
current.
• Selects by software whether an internal feedback resistor is to be used or notNote.
• Reduces current consumption by decreasing the drive current of the on-chip inverter when the supply
voltage is high (VDD
≥ 2.7 V).
Note
When the subsystem clock is not used, set SOS.0 to 1 (so as not to use the internal feedback resistor)
by software, connect XT1 to VSS, and open XT2.
This makes it possible to reduce the current
consumption in the subsystem clock oscillator.
The above functions can be used by switching the bits 0 and 1 of the sub-oscillator control register (SOS). (Refer
to Figure 6-2.)
Figure 6-2. Subsystem Clock Oscillator
Feedback resistor
SOS.0
SOS.1
XT1
XT2
Inverter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82