전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD750064CU 데이터시트(PDF) 64 Page - NEC

부품명 UPD750064CU
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD750064CU 데이터시트(HTML) 64 Page - NEC

Back Button UPD750064CU Datasheet HTML 60Page - NEC UPD750064CU Datasheet HTML 61Page - NEC UPD750064CU Datasheet HTML 62Page - NEC UPD750064CU Datasheet HTML 63Page - NEC UPD750064CU Datasheet HTML 64Page - NEC UPD750064CU Datasheet HTML 65Page - NEC UPD750064CU Datasheet HTML 66Page - NEC UPD750064CU Datasheet HTML 67Page - NEC UPD750064CU Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
64
Data Sheet U10165EJ2V0DS00
AC timing test points (excluding X1 and XT1 inputs)
Clock timing
TI0, TI1 timing
VIH (MIN.)
VIL (MAX.)
VIH (MIN.)
VIL (MAX.)
VOH (MIN.)
VOL (MAX.)
VOH (MIN.)
VOL (MAX.)
1/fXT
tXTL
tXTH
VDD – 0.1 V
0.1 V
XT1 input
1/fX
tXL
tXH
VDD – 0.1 V
0.1 V
X1 input
1/fTI
tTIL
tTIH
TI0, TI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82