| 전자부품 데이터시트 검색엔진 |
|
UPD750064CU 데이터시트(PDF) 53 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD750064CU 데이터시트(HTML) 53 Page - NEC |
|
53 / 82 page ![]() 53 µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A) Data Sheet U10165EJ2V0DS00 Instruction Number Number Addressing Mnemonic Operand of Machine Operation Skip Condition Group of Bytes Cycles Area Subroutine RETINote 1 13 µPD750064 stack control MBE, RBE, 0, 0 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) PSW ← (SP+4) (SP+5), SP ← SP+6 µPD750066, 750068 MBE, RBE, 0, PC12 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) PSW ← (SP+4) (SP+5), SP ← SP+6 µPD750064 0, 0, 0, 0 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) PSW ← (SP+4) (SP+5), SP ← SP+6 µPD750066, 750068 0, 0, 0, PC12 ← (SP+1) PC11–0 ← (SP) (SP+3) (SP+2) PSW ← (SP+4) (SP+5), SP ← SP+6 PUSH rp 1 1 (SP–1)(SP–2) ← rp, SP ← SP–2 BS 2 2 (SP–1) ← MBS, (SP–2) ← RBS, SP ← SP–2 POP rp 1 1 rp ← (SP+1) (SP), SP ← SP+2 BS 2 2 MBS ← (SP+1), RBS ← (SP), SP ← SP+2 Interrupt EI 2 2 IME (IPS.3) ← 1 control IE ××× 22 IE ××× ← 1 DI 2 2 IME (IPS.3) ← 0 IE ××× 22 IE ××× ← 0 Input/output INNote 2 A, PORTn 2 2 A ← PORTn (n = 0-6, 11) XA, PORTn 2 2 XA ← PORTn+1, PORTn (n = 4) OUTNote 2 PORTn, A 2 2 PORTn ← A (n = 2-6) PORTn, XA 2 2 PORTn+1, PORTn ← XA (n = 4) CPU control HALT 2 2 Set HALT Mode (PCC.2 ← 1) STOP 2 2 Set STOP Mode (PCC.3 ← 1) NOP 1 1 No Operation Special SEL RBn 2 2 RBS ← n (n = 0-3) MBn 2 2 MBS ← n (n = 0, 1, 15) Notes 1. The operations indicated with thick lines can be performed only in the Mk II mode. The other operations can be performed only in the Mk I mode. 2. While the IN instruction and OUT instruction are being executed, the MBE must be set to 0 or 1, and MBS must be set to 15. |