| 전자부품 데이터시트 검색엔진 |
|
LAN9500AI 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500AI 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 213 page ![]() LAN950x DS00001875A-page 4 2010 - 2015 Microchip Technology Inc. 1.0 LAN950X FAMILY DIFFERENCES OVERVIEW The Microchip LAN950x is a family of high performance Hi-Speed USB 2.0 to 10/100 Ethernet controllers. The “x” in the part number is a generic term referring to the entire family, which includes the following devices: • LAN9500 • LAN9500i • LAN9500A • LAN9500Ai Device specific features that do no pertain to the entire LAN950x family are called out independently throughout this document. Table 1-1 provides a summary of the feature differences between family members. The LAN9500/LAN9500i and LAN9500A/LAN9500Ai are pin compatible. However, the value of the required EXRES resistor and other system components differ between devices. Refer to Figure 1-1 and the LAN950x reference sche- matics for additional information. TABLE 1-1: LAN950X FAMILY DIFFERENCES LAN9500 X LAN9500i X LAN9500A X X X XXXX XX LAN9500Ai X X X XXXX X X |