전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K-P 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 ST25TA02K-P
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 53Page - STMicroelectronics ST25TA02K-P Datasheet HTML 54Page - STMicroelectronics ST25TA02K-P Datasheet HTML 55Page - STMicroelectronics ST25TA02K-P Datasheet HTML 56Page - STMicroelectronics ST25TA02K-P Datasheet HTML 57Page - STMicroelectronics ST25TA02K-P Datasheet HTML 58Page - STMicroelectronics ST25TA02K-P Datasheet HTML 59Page - STMicroelectronics ST25TA02K-P Datasheet HTML 60Page - STMicroelectronics ST25TA02K-P Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
DocID027794 Rev 2
57/64
ST25TA02K-P
GPO parameters
58
11
GPO parameters
This section lists the timing of the GPO according to its configuration.
Table 60. GPO timings measurement (1)
GPO field
I/F
Condition
Command
Symbol
Typ.
Unit
Session Open
0x10 or
0x90
RF
GPO high when
session active
NDEF select
CmdEOFtoGPhigh
170
µs
RF
GPO return low
Deselect
CmdEOFtoGPlow
370
µs
WIP
0x20 or
0xA0
RF
GPO high when
programming
Update Binary
CmdEOFtoGPhigh
75
µs
RF
Writing time duration
(No time extension)
(2)
ms
Message In
Progress
0x30 or
0xB0
RF
GPO high when
modifying NDEF
UpdateBinary (Msg
Length #0)
CmdEOFtoGPhigh
75
µs
RF
GPO high when
modifying NDEF
UpdateBinary
Writing time duration
(No time extension)
(2)
ms
Interrupt
0x40 or
0xC0
RF
GPO high after
receiving an
Interrupt command
SendInterrupt
CmdEOFtoGPhigh
75
µs
RF
Pulse duration
540
µs
State Control
0x50 or
0xD0
RF
GPO high when
reset
Reset GPO
CmdEOFtoGPhigh
60
µs
RF
GPO return low
when set
Set GPO
CmdEOFtoGPlow
60
µs
RF Busy
0x60 or
0xE0
RF
GPO high after
receiving an RF
command
Anticollision
command or start of
RF disturb
(command using
another RF protocol)
CmdSOFtoGPhigh
6
µs
RF
GPO return low
after deselection or
RF command in
another protocol
Deselect or end of
RF disturb
(command using
another RF protocol)
CmdEOFtoGPlow
460
µs
Field detect
0x70 or
0xF0
RF
GPO high when RF
field is present
-
tFDETON
140
µs
tFDETOFF
20
µs
1. Characterized only.
2. Writing time is function of the message length and is automatically manage by ST25TA02K-P. NDEF message is mapped
on memory blocks of 16 bytes. Each basic block has a typical update time duration of 6 ms including the internal verify.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com