전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K-P 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 ST25TA02K-P
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 30Page - STMicroelectronics ST25TA02K-P Datasheet HTML 31Page - STMicroelectronics ST25TA02K-P Datasheet HTML 32Page - STMicroelectronics ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics ST25TA02K-P Datasheet HTML 34Page - STMicroelectronics ST25TA02K-P Datasheet HTML 35Page - STMicroelectronics ST25TA02K-P Datasheet HTML 36Page - STMicroelectronics ST25TA02K-P Datasheet HTML 37Page - STMicroelectronics ST25TA02K-P Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
RF command sets
ST25TA02K-P
34/64
DocID027794 Rev 2
Note:
After receiving the deselect command, the session is released and ST25TA02K-P enters
the Standby power mode.
In response to a RATS command, ST25TA02K-P returns FWI parameter (default frame
waiting time used); when ST25TA02K-P needs more time for a command execution, it
requests a frame waiting time extension by responding 0xF2 0xWTX (Request waiting time =
FWI * WTX). If the reader accepts ST25TA02K-P request, it acknowledges by sending the
command 0xF2 0xWTX. The frame waiting time becomes FWI * WTX for the current
command only.
5.5
CRC of the RF frame
The two CRC bytes check the data transmission between the RF host and the ST25TA02K-
P. For the RF frame, the CRC is computed on all the data bits in the frame, excluding parity
bits, SOF and EOF, and the CRC itself.
The CRC is as defined in ISO/IEC 13239. The initial register content shall be 0x6363 and
the register content shall not be inverted after calculation.
5.6
NFC Forum Type 4 Tag protocol
5.6.1
Commands set
ST25TA02K-P command set is built to easily support the NFC Forum Type 4 Tag protocol.
5.6.2
Status and error codes
This section lists the status and the error code of the ST25TA02K-P.
Table 20. Command set overview
Command name
Brief description
NDEF Tag Application Select
Select the NDEF Tag Application
Capability Container Select
Select the capability container (CC) file using the Select command
NDEF Select
Select the NDEF file using the Select command.
System File Select
Select the system file using the Select command.
ReadBinary
Read data from a file
UpdateBinary
Write new data to a file
Table 21. Status code of the ST25TA02K-P
SW1
SW2
Comment
Value
0x90
0x00
Command completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com