전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K-P 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 ST25TA02K-P
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 13Page - STMicroelectronics ST25TA02K-P Datasheet HTML 14Page - STMicroelectronics ST25TA02K-P Datasheet HTML 15Page - STMicroelectronics ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics ST25TA02K-P Datasheet HTML 17Page - STMicroelectronics ST25TA02K-P Datasheet HTML 18Page - STMicroelectronics ST25TA02K-P Datasheet HTML 19Page - STMicroelectronics ST25TA02K-P Datasheet HTML 20Page - STMicroelectronics ST25TA02K-P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
DocID027794 Rev 2
17/64
ST25TA02K-P
Signal descriptions
2.4.5
State Control configuration (GPO field = 0x50 or 0xD0)
When the GPO is configured as State Control, the RF host can control the state of the GPO
by sending a dedicated command (see Figure 9).
During an RF session, the ST25TA02K-P can control the GPO pin. After receiving a valid
reset GPO command, GPO pin is driven high after a delay (1.). GPO will be released after a
valid Set command or after a Power off.
Figure 9. GPO configured as State Control (GPO field = 0x50 or 0xD0)
1. CmdEOFtoGPhigh (RF Reset GPO command End of frame to GPO high)
2. CmdEOFtoGPlow (RF Set GPO command End of frame to GPO low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64