전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K-P 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 ST25TA02K-P
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 25Page - STMicroelectronics ST25TA02K-P Datasheet HTML 26Page - STMicroelectronics ST25TA02K-P Datasheet HTML 27Page - STMicroelectronics ST25TA02K-P Datasheet HTML 28Page - STMicroelectronics ST25TA02K-P Datasheet HTML 29Page - STMicroelectronics ST25TA02K-P Datasheet HTML 30Page - STMicroelectronics ST25TA02K-P Datasheet HTML 31Page - STMicroelectronics ST25TA02K-P Datasheet HTML 32Page - STMicroelectronics ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
DocID027794 Rev 2
29/64
ST25TA02K-P
RF command sets
58
5.1
Structure of the command sets
The exchange of data between the RF host and the ST25TA02K-P uses three kinds of data
formats, called blocks:
•
I-Block (Information block): to exchange the command and the response
•
R-Block (Receive ready block): to exchange positive or negative acknowledgement
•
S-Block (Supervisory block): to use either the Deselect command or the Frame Waiting
eXtension (WTX) command or response
This section describes the structure of I-Block, R-block and S-Block. This format is used for
the application command set.
5.2
I-Block format
The I-Block is used to exchange data between the RF host and the ST25TA02K-P. It is
composed of three fields. Table 12 details the I-Block format.
Table 12. I-Block format
Name
SoD
Payload
EoD
PCB
DID
-
CRC
Length
1 byte
1 byte
1 to 251 bytes
2 bytes
PCB field
DID field (optional)
RF host to ST25TA02K-P: C-APDU
ST25TA02K-P to RF host: R-APDU
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com