전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA02K-P 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 ST25TA02K-P
상세설명  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 47Page - STMicroelectronics ST25TA02K-P Datasheet HTML 48Page - STMicroelectronics ST25TA02K-P Datasheet HTML 49Page - STMicroelectronics ST25TA02K-P Datasheet HTML 50Page - STMicroelectronics ST25TA02K-P Datasheet HTML 51Page - STMicroelectronics ST25TA02K-P Datasheet HTML 52Page - STMicroelectronics ST25TA02K-P Datasheet HTML 53Page - STMicroelectronics ST25TA02K-P Datasheet HTML 54Page - STMicroelectronics ST25TA02K-P Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
DocID027794 Rev 2
51/64
ST25TA02K-P
RF device operation
58
6
RF device operation
6.1
Anticollision and Device Activation command set for the RF
interface
The ST25TA02K-P device supports the command set defined in the NFC-A Technology and
the Type 4A Tag Platform chapters of the NFC Digital Protocol V1.0 specification.
6.2
Open an RF session
Once the RF host has terminated the anticollision procedure and retrieve the ATS response,
it shall send the SelectApplication command. The ST25TA02K-P will open an RF session.
At this point, the RF host can send the applicative command set.
6.3
Close an RF session
The RF host can close the RF session by issuing one of these methods:
•
send an S(DES) command
•
turn off the RF field
6.4
Applicative command set
The applicative command set is composed of the following command sets:
•
the NFC Forum Type 4 Tag command set
•
the ISO/IEC 7816-4 command set
•
the proprietary command set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com