| 전자부품 데이터시트 검색엔진 |
|
UT700 데이터시트(PDF) 10 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 데이터시트(HTML) 10 Page - Aeroflex Circuit Technology |
|
10 / 46 page ![]() 10 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.11 General Purpose I/O 2.12 SpaceWire Interface Pin Name Direction Pin Number Reset Value Description 484 CLGA GPIO[0] I/O B17 high-z Bit 0 of general purpose I/O GPIO[1] I/O C17 high-z Bit 1 of general purpose I/O GPIO[2] I/O A17 high-z Bit 2 of general purpose I/O GPIO[3] I/O D17 high-z Bit 3 of general purpose I/O GPIO[4] I/O C16 high-z Bit 4 of general purpose I/O GPIO[5] I/O D16 high-z Bit 5 of general purpose I/O GPIO[6] I/O C15 high-z Bit 6 of general purpose I/O GPIO[7] I/O D15 high-z Bit 7 of general purpose I/O GPIO[8] I/O C7 high-z Bit 8 of general purpose I/O GPIO[9] I/O B5 high-z Bit 9 of general purpose I/O GPIO[10] I/O D7 high-z Bit 10 of general purpose I/O GPIO[11] I/O A5 high-z Bit 11 of general purpose I/O GPIO[12] I/O D6 high-z Bit 12 of general purpose I/O GPIO[13] I/O C5 high-z Bit 13 of general purpose I/O GPIO[14] I/O C6 high-z Bit 14 of general purpose I/O GPIO[15] I/O D5 high-z Bit 15 of general purpose I/O Pin Name Direction Pin Number Reset Value Description 484 CLGA SPW_CLK I A11 -- SpaceWire clock SPW_RXS[0] I A16 -- SpaceWire receive strobe SPW_RXD[0] I A15 -- SpaceWire receive data SPW_TXS[0] O B16 low SpaceWire transmit strobe SPW_TXD[0] O B15 low SpaceWire transmit data SPW_RXS[1] I A14 -- SpaceWire receive strobe SPW_RXD[1] I A13 -- SpaceWire receive data |