전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5401 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADG5401
상세설명  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5401 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 2Page - Analog Devices ADG5401 Datasheet HTML 3Page - Analog Devices ADG5401 Datasheet HTML 4Page - Analog Devices ADG5401 Datasheet HTML 5Page - Analog Devices ADG5401 Datasheet HTML 6Page - Analog Devices ADG5401 Datasheet HTML 7Page - Analog Devices ADG5401 Datasheet HTML 8Page - Analog Devices ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADG5401
Data Sheet
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
7
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see
Figure 21
9
11
13
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Flatness, RFLAT (ON)
1.8
Ω typ
VS = 0 V to 30 V, IS = −10 mA
2.6
3
3.5
Ω max
LEAKAGE CURRENTS
VDD = +39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = 1 V to 30 V, VD = 30 V to 1 V; see
Figure 20
±0.5
±2
±20
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = 1 V to 30 V, VD = 30 V to 1 V; see
Figure 20
±0.5
±2
±20
nA max
Channel On Leakage, ID (On), IS (On)
±0.2
nA typ
VS = VD = 1 V to 30 V; see Figure 23
±1
±8
±40
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VDD
±0.1
µA max
Digital Input Capacitance, CIN
6
pF typ
DYNAMIC CHARACTERISTICS1
tON
160
ns typ
RL = 300 Ω, CL = 35 pF
187
212
230
ns max
VS = 18 V; see Figure 26
tOFF
180
ns typ
RL = 300 Ω, CL = 35 pF
213
221
225
ns max
VS = 18 V; see Figure 26
Charge Injection, QINJ
255
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF; see
Figure 27
Off Isolation
−50
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see
Figure 22
Total Harmonic Distortion + Noise
(THD + N)
0.01
% typ
RL = 1 kΩ, 18 V p-p, f = 20 Hz to
20 kHz; see Figure 24
−3 dB Bandwidth
170
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 25
Insertion Loss
−0.55
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 25
CS (Off)
26
pF typ
VS = 18 V, f = 1 MHz
CD (Off)
28
pF typ
VS = 18 V, f = 1 MHz
CD (On), CS (On)
65
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
µA typ
Digital inputs = 0 V or VDD
100
130
µA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1
Guaranteed by design; not subject to production test.
Rev. A | Page 6 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com