전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5401 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADG5401
상세설명  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5401 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 5Page - Analog Devices ADG5401 Datasheet HTML 6Page - Analog Devices ADG5401 Datasheet HTML 7Page - Analog Devices ADG5401 Datasheet HTML 8Page - Analog Devices ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices ADG5401 Datasheet HTML 11Page - Analog Devices ADG5401 Datasheet HTML 12Page - Analog Devices ADG5401 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
ADG5401
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. 8-Lead LFCSP Pin Configuration
Figure 3. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
8-Lead LFCSP
8-Lead MSOP
Mnemonic
Description
1
1
S
Source Terminal. This pin can be an input or output.
2
2
NC
No Connect. Not internally connected.
3
3
GND
Ground (0 V) Reference.
4
4
VDD
Most Positive Power Supply Potential.
5
5
NC
No Connect. Not internally connected.
6
6
IN
Logic Control Input.
7
7
VSS
Most Negative Power Supply Potential.
8
8
D
Drain Terminal. This pin can be an input or output.
Not applicable
EPAD
The exposed pad is tied to substrate, VSS.
Table 8. Truth Table
IN
Switch Condition
1
On
0
Off
NOTES
1. NC = NO CONNECT. NOT INTERNALLY CONNECTED.
2. THE EXPOSED PAD IS TIED TO SUBSTRATE, VSS.
3
GND
4
VDD
1
S
2
NC
6 IN
5 NC
8 D
7 VSS
ADG5401
TOP VIEW
(Not to Scale)
S
1
NC
2
GND
3
VDD 4
D
8
VSS
7
IN
6
NC
5
NOTES
1. NC = NO CONNECT. NOT INTERNALLY CONNECTED.
ADG5401
TOP VIEW
(Not to Scale)
Rev. A | Page 9 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com