전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5401 데이터시트(PDF) 16 Page - Analog Devices

부품명 ADG5401
상세설명  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5401 데이터시트(HTML) 16 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices ADG5401 Datasheet HTML 11Page - Analog Devices ADG5401 Datasheet HTML 12Page - Analog Devices ADG5401 Datasheet HTML 13Page - Analog Devices ADG5401 Datasheet HTML 14Page - Analog Devices ADG5401 Datasheet HTML 15Page - Analog Devices ADG5401 Datasheet HTML 16Page - Analog Devices ADG5401 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADG5401
Data Sheet
APPLICATIONS INFORMATION
The ADG54xx family of switches and multiplexers provide a
robust solution for instrumentation, industrial, aerospace, and
other harsh environments that are prone to latch-up, which is an
undesirable high current state that can lead to device failure and
persists until the power supply is turned off. The ADG5401
high voltage switch allows single-supply operation from 9 V
to 40 V and dual-supply operation from ±9 V to ±22 V. The
ADG5401 (as well as other select devices within this family)
achieves an 8 kV human body model ESD rating, which
provides a robust solution, eliminating the need for separate
protection circuitry designs in some applications.
TRENCH ISOLATION
In the ADG5401, an insulating oxide layer (trench) is placed
between the NMOS and the PMOS transistors of each CMOS
switch. Parasitic junctions, which occur between the transistors
in junction-isolated switches, are eliminated, and the result is a
latch-up immune switch.
In junction isolation, the N and P wells of the PMOS and
NMOS transistors form a diode that is reverse-biased under
normal operation. However, during overvoltage conditions, this
diode can become forward-biased. The two transistors form a
silicon-controlled rectifier (SCR) type circuit, causing a
significant amplification of the current that, in turn, leads to
latch-up. With trench isolation, this diode is removed, and the
result is a latch-up immune switch.
Figure 28. Trench Isolation
NMOS
PMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Rev. A | Page 16 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com