전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5401 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADG5401
상세설명  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5401 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADG5401 Datasheet HTML 6Page - Analog Devices ADG5401 Datasheet HTML 7Page - Analog Devices ADG5401 Datasheet HTML 8Page - Analog Devices ADG5401 Datasheet HTML 9Page - Analog Devices ADG5401 Datasheet HTML 10Page - Analog Devices ADG5401 Datasheet HTML 11Page - Analog Devices ADG5401 Datasheet HTML 12Page - Analog Devices ADG5401 Datasheet HTML 13Page - Analog Devices ADG5401 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADG5401
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. On Resistance as a Function of VS, VD (Dual Supply)
Figure 5. On Resistance as a Function of VS, VD (Single Supply)
Figure 6. On Resistance as a Function of VS (VD) for Different Temperatures,
±15 V Dual Supply
Figure 7. On Resistance as a Function of VS (VD) for Different Temperatures,
±20 V Dual Supply
Figure 8. On Resistance as a Function of VS (VD) for Different Temperatures,
12 V Single Supply
Figure 9. On Resistance as a Function of VS (VD) for Different Temperatures,
36 V Single Supply
0
1
2
3
4
5
6
7
8
–25
–20
–15
–5
–10
–5
0
5
10
15
20
25
VS, VD (V)
±13.5V
±15.0V
±16.5V
±18.0V
±20.0V
±22.0V
TA = 25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
VS, VD (V)
+10.8V
+12.0V
+13.2V
+32.4V
+36.0V
+39.6V
TA = 25°C
0
2
4
6
8
10
12
–15
–10
–5
0
5
10
15
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
0
2
4
6
8
10
12
–20
–15
–10
–5
0
5
10
15
20
+125°C
+85°C
+25°C
–40°C
VS, VD (V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
Rev. A | Page 10 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com