전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5401 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADG5401
상세설명  High Voltage Latch-Up Proof, Single SPST Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5401 데이터시트(HTML) 2 Page - Analog Devices

  ADG5401 Datasheet HTML 1Page - Analog Devices ADG5401 Datasheet HTML 2Page - Analog Devices ADG5401 Datasheet HTML 3Page - Analog Devices ADG5401 Datasheet HTML 4Page - Analog Devices ADG5401 Datasheet HTML 5Page - Analog Devices ADG5401 Datasheet HTML 6Page - Analog Devices ADG5401 Datasheet HTML 7Page - Analog Devices ADG5401 Datasheet HTML 8Page - Analog Devices ADG5401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ADG5401
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±15 V Dual Supply ....................................................................... 3
±20 V Dual Supply ....................................................................... 4
12 V Single Supply........................................................................ 5
36 V Single Supply........................................................................ 6
Continuous Current per Channel, S or D..................................7
Absolute Maximum Ratings ............................................................8
ESD Caution...................................................................................8
Pin Configurations and Function Descriptions............................9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 13
Terminology.................................................................................... 15
Applications Information .............................................................. 16
Trench Isolation.......................................................................... 16
Outline Dimensions....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
1/15—Rev. 0 to Rev. A
Added 8-Lead LFCSP.........................................................Universal
Changed Continuous Current, S or D Parameter to 8-Lead
MSOP, Table 5 ................................................................................... 7
Added Figure 2; Renumbered Sequentially .................................. 9
Changes to Table 7............................................................................ 9
Changes to Figure 4........................................................................ 10
Added Figure 19.............................................................................. 12
Changes to Figure 21 and Figure 26 ............................................ 13
Added AC Power Supply Rejection Ratio (ACPSRR),
Terminology Section...................................................................... 15
Added Figure 30, Outline Dimensions........................................ 17
Changes to Ordering Guide.......................................................... 17
9/13—Revision 0: Initial Version
Rev. A | Page 2 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com