| 전자부품 데이터시트 검색엔진 |
|
TMP320C2811PBKA 데이터시트(PDF) 102 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320C2811PBKA 데이터시트(HTML) 102 Page - Texas Instruments |
|
102 / 147 page ![]() Electrical Specifications 102 June 2004 SPRS257 6.16.2 Interrupt Timing Table 6−16. Interrupt Switching Characteristics PARAMETER MIN MAX UNIT td(PDP-PWM)HZ Delay time, PDPINTx low to PWM high impedance state Without input qualifier 12 ns td(PDP-PWM)HZ high-impedance state With input qualifier 1 * tc(SCO) + IQT + 12† ns td(TRIP-PWM)HZ Delay time, CxTRIP/TxCTRIP signals low to PWM Without input qualifier 3 * tc(SCO) ns td(TRIP-PWM)HZ signals low to PWM high-impedance state With input qualifier [2 * tc(SCO)] + IQT† ns td(INT) Delay time, INT low/high to interrupt-vector fetch tqual + 12tc(XCO) ns † Input Qualification Time (IQT) = [5 x QUALPRD x 2] * tc(SCO) Table 6−17. Interrupt Timing Requirements MIN MAX UNIT t Pulse duration INT input low/high with no qualifier 2 * tc(SCO) cycles tw(INT) Pulse duration, INT input low/high with qualifier 1 * tc(SCO) + IQT† cycles t Pulse duration PDPINTx input low with no qualifier 2 * tc(SCO) cycles tw(PDP) Pulse duration, PDPINTx input low with qualifier 1 * tc(SCO) + IQT† cycles t Pulse duration CxTRIP input low with no qualifier 2 * tc(SCO) cycles tw(CxTRIP) Pulse duration, CxTRIP input low with qualifier 1 * tc(SCO) + IQT† cycles t Pulse duration TxCTRIP input low with no qualifier 2 * tc(SCO) cycles tw(TxCTRIP) Pulse duration, TxCTRIP input low with qualifier 1 * tc(SCO) + IQT† cycles † Input Qualification Time (IQT) = [5 x QUALPRD x 2] * tc(SCO) |