전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP83901AV 데이터시트(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DP83901AV
상세설명  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901AV 데이터시트(HTML) 61 Page - National Semiconductor (TI)

Back Button DP83901AV Datasheet HTML 54Page - National Semiconductor (TI) DP83901AV Datasheet HTML 55Page - National Semiconductor (TI) DP83901AV Datasheet HTML 56Page - National Semiconductor (TI) DP83901AV Datasheet HTML 57Page - National Semiconductor (TI) DP83901AV Datasheet HTML 58Page - National Semiconductor (TI) DP83901AV Datasheet HTML 59Page - National Semiconductor (TI) DP83901AV Datasheet HTML 60Page - National Semiconductor (TI) DP83901AV Datasheet HTML 61Page - National Semiconductor (TI) DP83901AV Datasheet HTML 62Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
150 Switching Characteristics AC Specs DP83901A Note All Timing is Preliminary (Continued)
Transmit Timing (End of Packet)
TLF10469 – 47
TRANSMIT SPECIFICATIONS
(End of Packet)
Symbol
Parameter
Min
Max
Units
tTOH
Transmit Output High before Idle (Half Step)
200
ns
tTOI
Transmit Output Idle Time to g40 mV(Half Step)
8000
ns
Reset Timing
TLF10469 – 45
Symbol
Parameter
Min
Max
Units
rstw
Reset Pulse Width (Note 1)
8
BSCK Cycles or TXC Cycles (Note 2)
Note 1
The RESET pulse requires the BSCK and TXC be stable On power up RESET should not be raised until BSCK and TXC have become stable Several
registers are affected by RESET Consult the register descriptions for details
Note 2
The slower of BSCK or TXC clocks will determine the minimum time for the RESET signal to be low TXC is X1 divided by 2
If BSCK k TXC then RESET e 8 c BSCK
If TXC k BSCK then RESET e 8 c TXC
160 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is
employed and all differential signals are taken to be at the
AUI side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference Levles (TTLCMOS)
13V
Input Pulse Levels (Diff)
b
350 mV to b1315 mV
Input and Output
50% Point of
Reference Levels (Diff)
the Differential
TRI-STATE Reference Levels
Float (DV) g05V
Output Load (See Figure Below)
TLF10469 – 48
Note 1
50 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and
active low to High Impedance measurements
S1 e GND for High Impedance to active high and
active high to High Impedance measurements
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62